Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H21 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # H21
Description  Ultra fast recovery type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

H21 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  H21 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD H21 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
Ultra fast recovery type
Features
Plastic package has Underwriters Laboratory
FlammabilityClassification 94V-O Utilizing Flame
Retardant Epoxy Molding Compound.
For surface mounted applications.
Exceeds environmental standards of MIL-S-19500 /
228
Low leakage current.
Mechanical data
Case : Molded plastic, JEDEC DO-214AC
Terminals : Solder plated, s olderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : 0.0015 ounce, 0.05 gr am
(V)
(V)
(V)
(V)
(nS)
(
oC)
HFM201
H21
50
35
50
HFM202
H22
100
70
100
HFM203
H23
200
140
200
HFM204
H24
400
280
400
HFM205
H25
600
420
600
HFM206
H26
800
560
800
HFM207
H27
1000
700
1000
-55 to +150
Operating
temperature
VRRM
*1
VRMS
*2
VR
*3
VF
*4
TRR
*5
50
1.0
1.3
75
SYMBOLS
MARKING
CODE
1.7
MAXIMUM RATINGS (AT TA=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
Ambient temperature = 50
oC
IO
1.0
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
50
A
VR = VRRM TA =
25
oC
5.0
uA
VR = VRRM TA = 100
oC
150
uA
Thermal resistance
Junction to ambient
RqJA
20
oC / w
Diode junction capacitance
f=1MHz and applied 4vDC reverse voltage
CJ
25
pF
Storage temperature
TSTG
-55
+150
oC
Reverse current
IR
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
*5 Reverse recovery time
H21-H27
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
0.205(5.2)
0.189(4.8)
0.012(0.3)Typ
0.110(2.8)
0.094(2.4)
0.181(4.6)
0.165(4.2)
0.075(1.9)
0.067(1.7)
0.040(1.0)Typ
0.040(1.0)Typ
S M A -L
PATENT PUBLICATION NO 37116
.
RoHS


Similar Part No. - H21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H21 ETC2-H21 Datasheet
129Kb / 2P
Plastic package has Underwriters Laboratory
logo
Mercury United Electron...
H21 MERCURY-H21 Datasheet
83Kb / 1P
Oscillators Series
logo
List of Unclassifed Man...
H21-H27 ETC2-H21-H27 Datasheet
129Kb / 2P
Plastic package has Underwriters Laboratory
logo
Harwin Plc
H2101-01 HARWIN-H2101-01 Datasheet
67Kb / 1P
TERMINAL
H2101A01 HARWIN-H2101A01 Datasheet
63Kb / 1P
TERMINAL LUG
More results

Similar Description - H21

ManufacturerPart #DatasheetDescription
logo
Formosa MS
HFM101-M FORMOSA-HFM101-M Datasheet
70Kb / 2P
Ultra fast recovery type
HFM101 FORMOSA-HFM101 Datasheet
69Kb / 2P
Ultra fast recovery type
HFM301 FORMOSA-HFM301 Datasheet
70Kb / 2P
Ultra fast recovery type
HFM101-L FORMOSA-HFM101-L Datasheet
80Kb / 2P
Chip Silicon Rectifier - Ultra fast recovery type
HFM101-MH FORMOSA-HFM101-MH Datasheet
80Kb / 2P
Chip Silicon Rectifier - Ultra fast recovery type
HFM201-L FORMOSA-HFM201-L Datasheet
81Kb / 2P
Chip Silicon Rectifier - Ultra fast recovery type
logo
Infineon Technologies A...
IDW40E65D1 INFINEON-IDW40E65D1 Datasheet
1Mb / 11P
Ultra fast recovery
Rev.1.1,2013-03-13
logo
SHENZHEN YONGERJIA INDU...
H11 WINNERJOIN-H11 Datasheet
150Kb / 2P
Ultra fast recovery type
H31 WINNERJOIN-H31 Datasheet
126Kb / 2P
Ultra fast recovery type
HFM101-M WINNERJOIN-HFM101-M Datasheet
94Kb / 2P
Ultra fast recovery type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com