Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASR2J Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # ASR2J
Description  Surface Mount Standard Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

ASR2J Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  ASR2J Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD ASR2J Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
ASR2A~ASR2M(GS2A~GS2M)
Surface Mount Standard Rectifiers
Major Ratings and Characteristics
Features
●
Low profile space
●
Ideal for automated placement
●
Glass passivated chip junction
●
Low forward voltage drop
●
Low leakage current
●
High forward surage capability
●
High temperatrue soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
●
Case: JEDEC DO-214AC molded plastic
over glass passivated chip
●
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity: Laser band denotes cathode end
Maximum Ratings & Thermal Characteristics & Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Symbol ASR2A
(GS2A)
ASR2B
(GS2B)
ASR2D
(GS2D)
ASR2G
(GS2G)
ASR2J
(GS2J)
ASR2K
(GS2K)
ASR2M
(GS2M) UNIT
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
IFSM
A
VF
V
μ
A
μ
A
CJ
p F
RθJA
℃
/ W
TJ, TSTG
℃
IF(AV)
2.0 A
VRRM
50 V to 1000 V
IFSM
60 A
IR
5 μA
VF
1.1 V
Tj max.
150 °C
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
2
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
60
Maximum instantaneous forwad voltage at 2.0A
1.1
Maximum DC reverse current
TA = 25 ℃
at Rated DC blocking voltage
TA = 125℃
IR
5.0
125
Operating junction and storage
temperature range
–
55 to +150
Typical junction capacitance at 4.0 V ,1MHz
30
Thermal resistance from junction to ambient
75
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - ASR2J

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
ASR2JA10R0 SEI-ASR2JA10R0 Datasheet
728Kb / 9P
Anti-Surge Resistor
06/30/2021
ASR2JA1M00 SEI-ASR2JA1M00 Datasheet
728Kb / 9P
Anti-Surge Resistor
06/30/2021
ASR2JA560K SEI-ASR2JA560K Datasheet
728Kb / 9P
Anti-Surge Resistor
06/30/2021
ASR2JB10R0 SEI-ASR2JB10R0 Datasheet
728Kb / 9P
Anti-Surge Resistor
06/30/2021
ASR2JB1M00 SEI-ASR2JB1M00 Datasheet
728Kb / 9P
Anti-Surge Resistor
06/30/2021
More results

Similar Description - ASR2J

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DSF1A FORMOSA-DSF1A Datasheet
159Kb / 2P
Surface Mount Standard Rectifiers
logo
Microdiode Semiconducto...
DSR0.5A CHENDA-DSR0.5A Datasheet
881Kb / 2P
Surface Mount Standard Rectifiers
logo
DONGGUAN YOU FENG WEI E...
S2A-SMB YFWDIODE-S2A-SMB Datasheet
103Kb / 2P
Surface Mount Standard Rectifiers
logo
Guangdong Juxing Electr...
G501 JUXING-G501 Datasheet
2Mb / 3P
Surface Mount Standard Rectifiers
G601 JUXING-G601 Datasheet
3Mb / 3P
Surface Mount Standard Rectifiers
S3AP JUXING-S3AP Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
S5A JUXING-S5A_10 Datasheet
2Mb / 3P
Surface Mount Standard Rectifiers
S5AP JUXING-S5AP Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
DSR1A JUXING-DSR1A_19 Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
logo
Shanghai Leiditech Elec...
S5A LEIDITECH-S5A Datasheet
397Kb / 3P
Surface Mount Standard rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com