Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2579 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2579
Description  LIS302DL 3-axis digital MEMS accelerometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2579 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2579 Datasheet HTML 7Page - STMicroelectronics AN2579 Datasheet HTML 8Page - STMicroelectronics AN2579 Datasheet HTML 9Page - STMicroelectronics AN2579 Datasheet HTML 10Page - STMicroelectronics AN2579 Datasheet HTML 11Page - STMicroelectronics AN2579 Datasheet HTML 12Page - STMicroelectronics AN2579 Datasheet HTML 13Page - STMicroelectronics AN2579 Datasheet HTML 14Page - STMicroelectronics AN2579 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AN2579
Examples
13/15
3.3
Playing with CLICK_Window
In cases of double click recognition, the CLICK _Latency + CLICK_Window defines the
maximum distance between two consecutive clicks to be recognized as double click event.
By fixing the latency to avoid spurious bouncing of the signal, one can play with the
CLICK_Window as with the “double-click speed” settings of the mouse properties on the
PC.
Figure 8 shows an acquisition done with CLICK_Window = 10h (10 ms). With this setting the
two consecutive peaks of acceleration are too far apart and the second one occurs outside
of the Window.
In Figure 9 an acquisition carried out with CLICK_Window = ffh (255 ms) is shown. With this
setting the device correctly generates the double click interrupt after the second acceleration
peak.
Figure 8.
Short Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com