Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2620 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2620
Description  3 A high-frequency synchronous 900 kHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2620 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2620 Datasheet HTML 9Page - STMicroelectronics AN2620 Datasheet HTML 10Page - STMicroelectronics AN2620 Datasheet HTML 11Page - STMicroelectronics AN2620 Datasheet HTML 12Page - STMicroelectronics AN2620 Datasheet HTML 13Page - STMicroelectronics AN2620 Datasheet HTML 14Page - STMicroelectronics AN2620 Datasheet HTML 15Page - STMicroelectronics AN2620 Datasheet HTML 16Page - STMicroelectronics AN2620 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AN2620
Board usage recommendation
Doc ID 13883 Rev 3
13/20
4.1
External component selection for the ST1S10 demonstration
board
Figure 2 shows the typical application used to obtain an output voltage of 5 V.
In order to obtain the needed output voltage we must choose the resistor divider according
to the following formula:
Equation 14
where VFB = 0.8 V and R2 suggested value is ~2 kΩ.
4.2
Inductor selection
Due to the high frequency (900 kHz) it is possible to use a very small inductor value.
We tested our device with an inductor value of 3.3 µH with very good efficiency
performances.
As the device is able to provide an operative output current of 3 A, we strongly recommend
using inductors able to manage at least 4.4 A.
4.3
Capacitors selection
It is possible to use any X5R or X7R ceramic capacitor
C1 = 4.7 µF (ceramic) or higher
C2 = 22 µF (ceramic) or higher, ESR=10 ~ 100 m
Ω range
C3 = 0.1 µF (ceramic) or higher
It is possible to put several capacitors in parallel in order to reduce the equivalent series
resistor and improve the ripple present in the output voltage.
4.4
Heavy capacitive load condition
Thanks to the OCP and OVP circuit, the ST1S10 is strongly protected against short-circuit
and overload damages. However, a highly capacitive load on the output may cause a difficult
startup. This can be solved by using the modified application circuit shown in Figure 9 in
which a minimum of 10 µF for C1 and a 4.7 µF ceramic capacitor for C3 are used. Moreover,
for CLOAD >100 µF, it is needed to add the C4 capacitor in parallel to the upper voltage
divider resistor (R1) as shown in Figure 9. The suggested value for C4 is 4.7 nF ~ 47 nF.
Note that the C4 may impact the control loop response and should be added only when a
capacitive load higher than 100 µF is present at all times. If the high capacitive load is
variable or not present at any time, in addition to C4 it is advisable to increase the output
ceramic capacitor C2 from 22 µF to 47 µF (or use 2 x 22 µF capacitors in parallel). Also in
this case it is advisable to further increase the input capacitors with a minimum of 10 µF for
C1 and a 4.7 µF ceramic capacitor for C3 as shown in Figure 10.
V
out
V
FB
1
R1
R2
--------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com