Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2648 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2648
Description  Increasing the resolution of analog temperature sensors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2648 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2648 Datasheet HTML 7Page - STMicroelectronics AN2648 Datasheet HTML 8Page - STMicroelectronics AN2648 Datasheet HTML 9Page - STMicroelectronics AN2648 Datasheet HTML 10Page - STMicroelectronics AN2648 Datasheet HTML 11Page - STMicroelectronics AN2648 Datasheet HTML 12Page - STMicroelectronics AN2648 Datasheet HTML 13Page - STMicroelectronics AN2648 Datasheet HTML 14Page - STMicroelectronics AN2648 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AN2648
Summary
13/15
2
Summary
The STLM20 is very accurate over a wide temperature range and has a nearly linear output
which spans the voltage range 2.33 down to 0.87 volts over the corresponding temperature
range –40° to +85°C. While it can be directly connected to an 8-bit A-D converter such as
those often found integrated into low-cost microcontrollers, the resolution may be too coarse
for some applications, amounting to –1.677°C per A-D step. For applications requiring
higher resolution, users can use an op-amp and a voltage reference to add gain and offset
to the STLM20 output. This has the effect of increasing the resolution over the temperature
range of interest while avoiding the need for a more expensive, higher resolution A-D
converter. Using averages of four samples also increases the effective resolution. The final
result is that users can achieve resolution as fine as 0.1°C with the STLM20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com