Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2754 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2754
Description  Buck high-brightness LED driver based on the ST1S10
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2754 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2754 Datasheet HTML 9Page - STMicroelectronics AN2754 Datasheet HTML 10Page - STMicroelectronics AN2754 Datasheet HTML 11Page - STMicroelectronics AN2754 Datasheet HTML 12Page - STMicroelectronics AN2754 Datasheet HTML 13Page - STMicroelectronics AN2754 Datasheet HTML 14Page - STMicroelectronics AN2754 Datasheet HTML 15Page - STMicroelectronics AN2754 Datasheet HTML 16Page - STMicroelectronics AN2754 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AN2754
Description of the board
13/20
4
Description of the board
The evaluation board is configured as constant current supply. Current regulation is
accomplished by regulating the voltage across a current sense resistor
4.1
Input/output connection
The following table describes the input/output connections.
Table 2.
Input/output connections
Reference
designator
Name
Description
J1
LED cathode
Output to cathode of LED
J2
LED anode
Output to anode of LED
J3
Supply/sync
VIN_SW: Power input supply voltage to be tied to VIN_A. (VIN_SW max=18 V)
VIN_A: Analog input supply voltage to be tied to VIN_SW. (VIN_ A max=18 V)
SYNC: Synchronization and frequency select. Connect SYNC to GND for 900 kHz
switching frequency or connect to an external clock from 400 kHz to 1.2 MHz.
J4
Enable
Use this connector to enable and disable DC-DC converter. Connect a jumper
between the ON pin and the center pin to enable the supply. Connect a jumper
between the OFF pin and the center pin to disable the supply. If this pin is left open,
the EVM does not operate correctly. This pin is also used for PWM dimming control
of the LED current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com