Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2761 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2761
Description  Solution for designing a transition mode
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2761 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2761 Datasheet HTML 17Page - STMicroelectronics AN2761 Datasheet HTML 18Page - STMicroelectronics AN2761 Datasheet HTML 19Page - STMicroelectronics AN2761 Datasheet HTML 20Page - STMicroelectronics AN2761 Datasheet HTML 21Page - STMicroelectronics AN2761 Datasheet HTML 22Page - STMicroelectronics AN2761 Datasheet HTML 23Page - STMicroelectronics AN2761 Datasheet HTML 24Page - STMicroelectronics AN2761 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
AN2761
Designing a TM PFC
Doc ID 14690 Rev 2
21/36
Because the internal current sense clamping sets the maximum current that can flow in the
inductor, the maximum peak of the inductor current is calculated considering the maximum
voltage Vcsmax allowed on the L6562A (in the datasheet):
The calculated ILpkx is the limit at which the boost inductor saturates and it is used for
calculating the inductor number of turns and air gap length.
The power dissipated in Rs is given by:
According to the result two parallel resistors of 0.68
Ω with 0.25 W of power rating have
been selected.
●
Pin 3 (MULT): The MULT pin is the second multiplier input. It is connected, through a
resistive divider, to the rectified mains to get a sinusoidal voltage reference. The
multiplier can be described by the relationship:
where:
–VCS (multiplier output) is the reference for the current sense
–
k = 0.38 (typ) is the multiplier gain
–VCOMP is the voltage on pin 2 (E/A output)
–VMULT is the voltage on pin 3
(58)
(59)
(60)
s
max
pkx
R
Vcs
IL
=
A
41
.
3
34
.
0
V
16
.
1
IL
pkx
=
Ω
=
2
rms
s
s
ISW
R
P
⋅
=
(
)
W
35
.
0
A
01
.
1
34
.
0
P
2
s
=
⋅
Ω
=
MULT
COMP
CS
V
)
V
5
.
2
V
(
k
V
⋅
−
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com