Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2795 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2795
Description  VNI4140K load test report
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2795 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2795 Datasheet HTML 17Page - STMicroelectronics AN2795 Datasheet HTML 18Page - STMicroelectronics AN2795 Datasheet HTML 19Page - STMicroelectronics AN2795 Datasheet HTML 20Page - STMicroelectronics AN2795 Datasheet HTML 21Page - STMicroelectronics AN2795 Datasheet HTML 22Page - STMicroelectronics AN2795 Datasheet HTML 23Page - STMicroelectronics AN2795 Datasheet HTML 24Page - STMicroelectronics AN2795 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
DocID14836 Rev 2
21/28
AN2795
Short-circuit tests
3
Short-circuit tests
3.1
Short-circuit, 10.5 V, 1 channel
Figure 20. Switching waveform (short-circuit, 10.5 V, 1 channel)(1)
1.
CH1: supply current, CH2: channel voltage, CH3: channel current, CH4: supply voltage.
Table 13. Test data (short-circuit, 10.5 V, 1 channel) (VCC = 10.5 V; load - 1
short-circuit; T = 25 °C)
Time [min]
Utot [V]
Itot [A]
Uch [V]
Ich [A]
Tcase [°C]
5
9.7
1.025
0.0
1.019
111.3
15
9.7
1.028
0.0
1.022
112.6
30
9.7
1.026
0.0
1.020
112.9
60
9.7
1.026
0.0
1.020
113.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com