Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0452 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM0452
Description  Temperature sensor evaluation board
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0452 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM0452 Datasheet HTML 19Page - STMicroelectronics UM0452 Datasheet HTML 20Page - STMicroelectronics UM0452 Datasheet HTML 21Page - STMicroelectronics UM0452 Datasheet HTML 22Page - STMicroelectronics UM0452 Datasheet HTML 23Page - STMicroelectronics UM0452 Datasheet HTML 24Page - STMicroelectronics UM0452 Datasheet HTML 25Page - STMicroelectronics UM0452 Datasheet HTML 26Page - STMicroelectronics UM0452 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
UM0452
USB power/GUI mode of evaluation board
23/30
Figure 17.
Plotter window with dynamic mode graph
4.5.2
NAND mode
1.
This mode is used for logging the temperature data in the NAND Flash present on the
board. This logged data can be viewed at a later time in the graphical format in this
window.
2.
Select the NAND mode from the mode selection drop down menu in the Plotter window
3.
Select the desired frequency (1 second /10 second/ 60second) from the Time Interval
drop down menu. This frequency denotes the timing interval after which the next
reading is taken and stored in the NAND Flash.
4.
Click on the Play button in the toolbar which starts logging the data in the NAND Flash
present on the board. A total of 100 KB of NAND Flash can be used for data logging.
The percentage of NAND used is shown by the status bar in the toolbar of the Plotter
window. The first status bar shows that data is being logged while the second status
bar shows the percentage of data logged.
5.
To stop the DATA LOGGING, click on the stop button in the toolbar.
6.
To read the logged data from the on board NAND, click on the GET DATA icon in the
toolbar. It reads the data from the board and then plots the graph of temperature versus
time as shown in Figure 18.
7.
Use the toolbar present on the graph window to expand or compress the scale on the
graph.
8.
To store the image of the graph on the computer, click on the floppy icon in the toolbar
of the plotter window. It stores the graph as .tsg format.
9.
To store the graph data as text format in an Excel sheet, click on the Excel sheet icon in
the toolbar. It saves the temperature readings in Excel format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com