Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0460 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0460
Description  Set-top box front panel evaluation board based on
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0460 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0460 Datasheet HTML 15Page - STMicroelectronics UM0460 Datasheet HTML 16Page - STMicroelectronics UM0460 Datasheet HTML 17Page - STMicroelectronics UM0460 Datasheet HTML 18Page - STMicroelectronics UM0460 Datasheet HTML 19Page - STMicroelectronics UM0460 Datasheet HTML 20Page - STMicroelectronics UM0460 Datasheet HTML 21Page - STMicroelectronics UM0460 Datasheet HTML 22Page - STMicroelectronics UM0460 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Connecting an external microcontroller to evaluation board
UM0460
22/23
Appendix D
Connecting an external microcontroller to
evaluation board
A jumper JI has been provided on the board for probing the important signals of the board
(see Appendix B). This jumper can be used to connect an external microcontroller with the
evaluation board. Follow the steps below to connect an external microcontroller with the
evaluation board:
1.
Remove (desolder) the microcontroller ST7FLITE39F2 (U2) from the board.
2.
Connect pin number 1 (DIN/DOUT) of jumper J1 to pin DIN/DOUT of the external
microcontroller from which data and commands will be sent to the device STLED316S
(U3).
3.
Connect pin number 2 (CLK) of jumper J1 to pin CLK of the external microcontroller
from which the clock signal will be sent the device STLED316S (U3).
4.
Connect pin number 3 (STB) of jumper J1 to pin STB of the external microcontroller
from which the control signal (STROBE) will be sent the device STLED316S (U3).
5.
Connect pin number 4 (IRQ_N) of jumper J1 to pin IRQ_N of the external
microcontroller which is configured as interrupt input and will receive the interrupt
signals coming from the device STLED316S (U3).
6.
Connect pin number 7 (GND) of jumper J1 to the GND pin of the external
microcontroller to make a common ground level (reference) for the whole system.
Note:
1
The pins of the external microcontroller should have been configured properly as being
mentioned in the datasheet of the device STLED316S.
2
The operation of the board will depend on the software loaded in the memory of the external
microcontroller.
3
The setup will not be able to have ICC communication with the external microcontroller
using the jumper J3.
4
The RESET switch of the board does not work when the external microcontroller is used.
4
Revision history
Table 3.
Document revision history
Date
Revision
Changes
03-Jan-2008
1
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com