Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N36601M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N36601M
Description  Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-SC), 1M (3-ft.)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N36601M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N36601M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N36601M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Duplex Singlemode 8.3/125 Fiber Patch Cable
(LC/SC), 1M (3-ft.)
MODEL NUMBER: N366-01M
Description
Tripp Lite's 1-meter, single mode duplex fiber optic LC/SC patch cable is manufactured from 8.3/125 zipcord
fiber. The cable has SC connectors on one end, LC connectors on the other, a PVC jacket, and is FDDI and
OFNR rated. Duplex single mode fiber is most commonly used in LAN applications.
Features
Manufactured from 8.3/125 duplex (zipcord) fiber
PVC jacket
Length: 1-meter. Connectors: 2 SC and 2 LC connectors on each end
Insertion loss testing performed on every connector (0.2db typical) and provided with cable
Beveled edge on ends of glass makes insertion of plug a breeze
Fiber made from glass (not a polymer)
Fiber optic distributed data interface (FDDI) rated
OFNR (riser rated)
Specifications
OVERVIEW
Clad Diameter
125 micron
Core Diameter
8.3 micron
Number of Fibers
2
Fiber Type
8.3/125
Cable Type
Singlemode
Highlights
Premium PVC 8.3/125 micron
singlemode patch cables
Attenuation loss meets or
exceeds the latest industry
standards
Twice the bandwidth throughput
of multimode cable
Applications
Networking equipment that
requires single mode fiber optic
patch cables
System Requirements
Any fiber optic hardware or NIC
card requiring singlemode duplex
cable with LC/SCconnectors
Package Includes
1-meter Duplex Single mode
Fiber Patch Cable, LC/SC
1 / 2


Similar Part No. - N36601M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N36601MAP TRIPPLITE-N36601MAP Datasheet
489Kb / 2P
Duplex Singlemode 8.3-125 Fiber Patch Cable (LC to SC-APC), 1M (3-ft.)
More results

Similar Description - N36601M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N35401M TRIPPLITE-N35401M Datasheet
484Kb / 2P
Duplex Singlemode 8.3-125 Fiber Patch Cable (SC-ST), 1M (3-ft.)
N35601M TRIPPLITE-N35601M Datasheet
474Kb / 2P
Duplex Singlemode 8.3-125 Fiber Patch Cable (SC-SC), 1M (3-ft.)
N36601MAP TRIPPLITE-N36601MAP Datasheet
489Kb / 2P
Duplex Singlemode 8.3-125 Fiber Patch Cable (LC to SC-APC), 1M (3-ft.)
N36801M TRIPPLITE-N36801M Datasheet
483Kb / 2P
Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-ST), 1M (3-ft.)
N37001M TRIPPLITE-N37001M Datasheet
476Kb / 2P
Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-LC), 1M (3-ft.)
N354-01M TRIPPLITE-N354-01M Datasheet
159Kb / 2P
Duplex Singlemode 8.3/125 Fiber Patch Cable (SC/ST), 1M (3-ft.)
N356-01M TRIPPLITE-N356-01M Datasheet
163Kb / 2P
Duplex Singlemode 8.3/125 Fiber Patch Cable (SC/SC), 1M (3-ft.)
N366-01M TRIPPLITE-N366-01M Datasheet
164Kb / 2P
Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/SC), 1M (3-ft.)
N366-01M-AP TRIPPLITE-N366-01M-AP Datasheet
162Kb / 2P
Duplex Singlemode 8.3/125 Fiber Patch Cable (LC to SC/APC), 1M (3-ft.)
N370-01M TRIPPLITE-N370-01M Datasheet
162Kb / 2P
Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/LC), 1M (3-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com