Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N36615M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N36615M
Description  Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-SC), 15M (50-ft.)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N36615M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N36615M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N36615M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Duplex Singlemode 8.3/125 Fiber Patch Cable
(LC/SC), 15M (50-ft.)
MODEL NUMBER: N366-15M
Description
Tripp Lite's 15-meter ( 50ft ) singlemode duplex fiber optic LC/SC patch cable is manufactured from 8.3/125
zipcord fiber. The cable has SC connectors on one end, LC connectors on the other, a PVC jacket, and is FDDI
and OFNR rated. Duplex singlemode fiber is most commonly used in LAN applications.
Features
Manufactured from 8.3/125 duplex (zipcord) fiber
PVC jacket
Length: 15 meters ( 50ft ). Connectors: 2 x SC; 2 x LC
Insertion loss testing performed on every connector (0.2db typical) and provided with cable
Beveled edge on ends of glass makes insertion of plug a breeze
Fiber made from glass (not a polymer)
Fiber optic distributed data interface (FDDI) rated
OFNR (riser rated)
Specifications
OVERVIEW
Fiber Type
8.3/125
Cable Type
Singlemode
INPUT
Cable Length (ft.)
49
Highlights
Premium PVC 8.3/125 micron
singlemode patch cables
Attenuation loss meets or
exceeds the latest industry
standards
Twice the bandwidth throughput
of multimode cable
Applications
Networking equipment that
requires singlemode fiber optic
patch cabling
System Requirements
Any fiber optic hardware or NIC
card requiring singlemode duplex
cable with LC/SC connectors
Package Includes
15-meter ( 50ft ) Duplex
Singlemode Fiber Patch Cable,
LC/SC
1 / 2


Similar Part No. - N36615M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N36610M TRIPPLITE-N36610M Datasheet
494Kb / 2P
Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-SC), 10M (33-ft.)
More results

Similar Description - N36615M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N35415M TRIPPLITE-N35415M Datasheet
485Kb / 2P
Duplex Singlemode 8.3-125 Fiber Patch Cable (SC-ST), 15M (50-ft.)
N35615M TRIPPLITE-N35615M Datasheet
477Kb / 2P
Duplex Singlemode 8.3-125 Fiber Patch Cable (SC-SC), 15M (50-ft.)
N36815M TRIPPLITE-N36815M Datasheet
483Kb / 2P
Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-ST), 15M (50-ft.)
N37015M TRIPPLITE-N37015M Datasheet
475Kb / 2P
Duplex Singlemode 8.3-125 Fiber Patch Cable (LC-LC), 15M (50-ft.)
N354-15M TRIPPLITE-N354-15M Datasheet
159Kb / 2P
Duplex Singlemode 8.3/125 Fiber Patch Cable (SC/ST), 15M (50-ft.)
N356-15M TRIPPLITE-N356-15M Datasheet
163Kb / 2P
Duplex Singlemode 8.3/125 Fiber Patch Cable (SC/SC), 15M (50-ft.)
N366-15M TRIPPLITE-N366-15M Datasheet
165Kb / 2P
Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/SC), 15M (50-ft.)
N366-50M TRIPPLITE-N366-50M Datasheet
165Kb / 3P
Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/SC), 50 m (164 ft.)
N368-15M TRIPPLITE-N368-15M Datasheet
165Kb / 2P
Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/ST), 15M (50-ft.)
N370-15M TRIPPLITE-N370-15M Datasheet
162Kb / 2P
Duplex Singlemode 8.3/125 Fiber Patch Cable (LC/LC), 15M (50-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com