Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E35A2CS Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # E35A2CS
Description  STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

E35A2CS Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  E35A2CS Datasheet HTML 1Page - KEC(Korea Electronics) E35A2CS Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2002. 10. 9
1/2
SEMICONDUCTOR
TECHNICAL DATA
E35A2CS, E35A2CR
STACK SILICON DIFFUSED DIODE
Revision No : 2
ALTERNATOR DIODE FOR AUTOMOTIVE APPLICATION.
FEATURES
Average Forward Current : IO=35A.
Repetitive Peak Reverse Voltage : VRRM=200V.
POLARITY
E35A2CS (+ Type)
E35A2CR (- Type)
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
A1
A2
A3
B1
D3
D2
B2
C1
C2
D1
2.0 0.3
1.9 0.3
8.5 0.3
E
10.0 0.3
13.5 0.3
24.0 0.5
10.0 0.3
5.0 0.3
2.5 0.3
5.0 0.3
4.5 0.3
9.0 0.3
1.0 0.3
4.4 0.5
0.6 0.3
DIM
MILLIMETERS
F
G
H
T
A3
A2
A1
D3
EF
G
MR
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
VFM
IFM=100A
-
-
1.05
V
Repetitive Peak Reverse Current
IRRM
VRRM=200V
-
-
50
A
Reverse Recovery Time
trr
IF=0.1A, IR=0.1A
-
-
15
S
Temperature Resistance
Rth
DC total junction to case
-
-
1.0
/W
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
200
V
Average Forward Current
IF(AV)
35
A
Peak 1 Cycle Surge Current
IFSM
450 (50Hz)
A
Junction Temperature
Tj
-40 150
Storage Temperature Range
Tstg
-40 150


Similar Part No. - E35A2CS

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
E35A2CS THINKISEMI-E35A2CS Datasheet
1Mb / 3P
35 Ampere Standard Type Block Rectifier Diodes for Automotive Alternators
More results

Similar Description - E35A2CS

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
E25A2CPS KEC-E25A2CPS Datasheet
58Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E30A27VS KEC-E30A27VS Datasheet
389Kb / 2P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E30A2CDS KEC-E30A2CDS Datasheet
373Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E30A2CS KEC-E30A2CS Datasheet
387Kb / 2P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E30A37VPS KEC-E30A37VPS Datasheet
374Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E35A27VBS KEC-E35A27VBS Datasheet
193Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E35A37VBS KEC-E35A37VBS Datasheet
64Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E50A21VBS KEC-E50A21VBS Datasheet
194Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E50A27VBS KEC-E50A27VBS Datasheet
194Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
E50A37VBS KEC-E50A37VBS Datasheet
64Kb / 1P
STACK SILICON DIFFUSED DIODE (ALTERNATOR DIODE FOR AUTOMOTIVE)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com