Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDR322 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KDR322
Description  SILICON EPITAXIAL SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR322 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KDR322 Datasheet HTML 1Page - KEC(Korea Electronics) KDR322 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2001. 12. 4
2/2
KDR322
Revision No : 2
10
1
100
0
REVERSE VOLTAGE V
(V)
R
C
- V
I
- V
F
FORWARD VOLTAGE V
(V)
0
0.1m
REVERSE VOLTAGE V
(V)
0.1n
0
R
I
- V
FF
0.2
0.4
0.6
0.8
1.0
1m
10m
100m
300m
0.3m
3m
30m
TR
4
8
12
16
20
24
28
32
36
3
5
30
50
RR
10
20
30
40
50
0.3n
1n
3n
10n
30n
100n
300n
1m
m
3
m
10
m
30
m
100
Ta=100 C
Ta=75 C
Ta=50 C
Ta=25 C
Ta=0 C
Ta=-25 C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com