Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDR331E Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KDR331E
Description  SCHOTTKY BARRIER TYPE DIODE(HIGH SPEED SWITCHING)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR331E Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KDR331E Datasheet HTML 1Page - KEC(Korea Electronics) KDR331E Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2000. 11. 3
2/2
KDR331E
Revision No : 0
REVERSE VOLTAGE V (V)
R
I - V
RR
0
AMBIENT TEMPERATURE Ta ( C)
0
P - Ta
20
FORWARD VOLTAGE V
(mV)
F
I - V
FF
REVERSE VOLTAGE V (V)
0.01
0.1
R
C - V
TR
110
20
0
2
25
50
75
100
125
40
60
80
100
120
0
0.01
0.1
24
1
8
610
10
0
0.01
0.1
1
Ta=23 C
100
200
300
400
500
12
4
6
8
10
12
14
Ta=23 C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com