Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDR367E Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KDR367E
Description  SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR367E Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KDR367E Datasheet HTML 1Page - KEC(Korea Electronics) KDR367E Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003. 2. 25
2/2
KDR367E
Revision No : 1
10
µ
0
FORWARD VOLTAGE V
(V)
F
I
- V
F
F
100
µ
1m
10m
100m
0
50
AMBIENT TEMPERATURE Ta ( C)
P - Ta
0.1
0.2
0.3
0.4
0.5
I
- V
R
REVERSE VOLTAGE V
(V)
0
10n
RR
100n
100
µ
1m
10
µ
1
µ
24
6
8
10
Ta=100 C
Ta=75 C
Ta=50 C
Ta=25 C
Ta=0 C
Ta=-25 C
REVERSE VOLTAGE V
(R)
R
R
T
C
- V
0
0.3
0.1
30m
10m
1
3
10
20
10
20
30
40
f=1MHz
Ta=25 C
25
50
75
100
125
150
40
80
120
160
200
240
Mounted on a glass
epoxy circuit board
of 20 20mm, pad
dimension 4 4mm.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com