Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDR412 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KDR412
Description  SCHOTTKY BARRIER TYPE DIODE(LOW POWER RECTIFICATION, FOR SWITCHING POWER SUPPLY)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR412 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KDR412 Datasheet HTML 1Page - KEC(Korea Electronics) KDR412 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2002. 10. 2
2/2
KDR412
Revision No : 2
1µ
0
REVERSE VOLTAGE V
(V)
R
I
- V
RR
510
15
20
10µ
100µ
1m
10m
Ta=25 C
25
FORWARD VOLTAGE V
(V)
0.1
0
100m
10m
1m
100µ
1
0.5
0.4
0.3
0.2
F
I
- V
F
F
30
35
Ta=75 C
Ta=125 C
0.6
C
- V
T
R
Ta=25 C
f=1MHz
R
REVERSE VOLTAGE V
(V)
0
1
10
10
100
1K
20
30
40



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com