Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2448 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2448
Description  This document describes a low power adapter that can be used in travel battery charger applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2448 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2448 Datasheet HTML 9Page - STMicroelectronics AN2448 Datasheet HTML 10Page - STMicroelectronics AN2448 Datasheet HTML 11Page - STMicroelectronics AN2448 Datasheet HTML 12Page - STMicroelectronics AN2448 Datasheet HTML 13Page - STMicroelectronics AN2448 Datasheet HTML 14Page - STMicroelectronics AN2448 Datasheet HTML 15Page - STMicroelectronics AN2448 Datasheet HTML 16Page - STMicroelectronics AN2448 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AN2448
Electrical performance
13/21
Figure 11.
Efficiency vs. output current
As indicated in Table 3, the no-load consumption is always below 300 mW, and therefore
complies with the more restrictive standards (European Code Of Conduct).
3.2
Output characteristics
Figure 12 shows the output characteristics (taken with 115 Vac mains input) on PCB pads
and at the end of the output cable. Values are very close also at 230 Vac. It is interesting to
note that, while in the constant current region, the output voltage can reach zero.
Figure 12.
Output characteristics at 115 Vac with CDC (cable drop compensation)
Table 3.
No-load consumption
Value
90Vac
115Vac
230Vac
264Vac
Pin [W]
0.106
0.131
0.239
0.273
VOUT [V]
5.12
5.12
5.12
5.12
Efficiency
40.0%
45.0%
50.0%
55.0%
60.0%
65.0%
70.0%
75.0%
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Output current [A]
115Vac
230Vac
V-I characteristics
0
1
2
3
4
5
6
0
200
400
600
800
Output current [mA]
PCB output
End of cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com