Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2450 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2450
Description  LLC resonant half-bridge converter design guideline
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2450 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2450 Datasheet HTML 27Page - STMicroelectronics AN2450 Datasheet HTML 28Page - STMicroelectronics AN2450 Datasheet HTML 29Page - STMicroelectronics AN2450 Datasheet HTML 30Page - STMicroelectronics AN2450 Datasheet HTML 31Page - STMicroelectronics AN2450 Datasheet HTML 32Page - STMicroelectronics AN2450 Datasheet HTML 33Page - STMicroelectronics AN2450 Datasheet HTML 34Page - STMicroelectronics AN2450 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
DocID12784 Rev 6
31/35
AN2450
Electrical test results
35
has a good margin for ZVS operation, providing good efficiency, while the almost sinusoidal
current waveform just allows for an extremely low EMI generation.
Figure 14. Resonant circuit primary side waveforms at nominal dc input voltage and
full load
Figure 15 and Figure 16 show the same waveforms as Figure 14 with both outputs lightly
loaded (50 mA each) and not loaded, respectively. These graphs demonstrate the ability of
the converter to operate down to zero load, with the output voltages still within regulation
limits (as can be seen looking at Ch3 waveform, representing the +200 V output voltage).
The resonant tank current, in this load condition, assumes, obviously, an almost triangular
shape and represents the magnetizing current flowing into the transformer primary side.
Figure 15. Resonant circuit primary side waveforms at nominal dc input voltage and
light load
Ch1: half-bridge square voltage
Ch2: resonant tank current
Ch3: +200 V output voltage
Ch1: half-bridge square voltage
Ch2: resonant tank current
Ch3: +200 V output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com