Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDR511T Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDR511T
Description  SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION, SWITCHING, REGULATORS, CONVERTERS, CHOPPERS)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR511T Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDR511T Datasheet HTML 1Page - KEC(Korea Electronics) KDR511T Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2003. 8. 4
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDR511T
SCHOTTKY BARRIER TYPE DIODE
Revision No : 1
HIGH FREQUENCY RECTIFICATION.
SWITCHING REGULATORS, CONVERTERS, CHOPPERS.
FEATURES
Low Forward Voltage : VF max=0.4V.
Low Leakage Current : IR max=500 A.
MAXIMUM RATING (Ta=25 )
DIM MILLIMETERS
A
B
D
E
TSM
2.9 0.2
1.6+0.2/-0.1
0.70 0.05
0.4 0.1
2.8+0.2/-0.3
1.9 0.2
0.95
0.16 0.05
0.00-0.10
0.25+0.25/-0.15
C
F
G
H
I
J
K
0.60
L
0.55
K
K
B
E
H
J
J
2
1
3
+_
+_
+_
+_
+_
1. NC
2. ANODE
3. CATHODE
2
1
3
ELECTRICAL CHARACTERISTICS (Ta=25 )
Type Name
Marking
Lot No.
T 1
CHARACTERISTIC
SYMBOL
RATING
UNIT
Repetitive Peak Reverse Voltage
VRRM
15
V
Reverse Voltage
VR
15
V
Average Forward Current
IO
1
A
Non-Repetitive Peak Surge Current
IFSM
10
A
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55 125
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF=0.5A
-
0.30
0.35
V
IF=1A
-
0.35
0.40
V
Reverse Current
IR
VR=10V
-
-
500
A
VR=15V
-
-
1000
Total Capacitance
CT
VR=10V, f=1MHz
-
42
-
pF
Reverse Recovery Time
trr
IF=IR=100mA
-
-
15
nS


Similar Part No. - KDR511T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR505S KEC-KDR505S Datasheet
380Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION)
KDR505S KEC-KDR505S_15 Datasheet
416Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR521T KEC-KDR521T Datasheet
64Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION, SWITCHING, REGULATORS, CONVERTERS, CHOPPERS)
KDR521T KEC-KDR521T Datasheet
124Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
KDR521T KEC-KDR521T_02 Datasheet
124Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - KDR511T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR105 KEC-KDR105 Datasheet
380Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION)
KDR105S KEC-KDR105S Datasheet
380Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION)
KDR400S KEC-KDR400S Datasheet
382Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION, SWITCHING SUPPLY)
KDR505S KEC-KDR505S Datasheet
380Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION)
KDR521T KEC-KDR521T Datasheet
64Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(HIGH FREQUENCY RECTIFICATION, SWITCHING, REGULATORS, CONVERTERS, CHOPPERS)
KDR701S KEC-KDR701S Datasheet
384Kb / 2P
SCHOTTKY BARRIER TYPE DIODE(FOR HIGH FREQUENCY RECTIFICATION)
logo
Leshan Radio Company
LRB551V-30T1G LRC-LRB551V-30T1G_11 Datasheet
62Kb / 3P
Schottky barrier diode High-frequency rectification
logo
Sanyo Semicon Device
SB10-05P-TD-E SANYO-SB10-05P-TD-E Datasheet
65Kb / 3P
High frequency rectification (switching regulators, converters, choppers).
SB10-05A3-BT SANYO-SB10-05A3-BT Datasheet
77Kb / 3P
High frequency rectification (switching regulators, converters, choppers).
logo
Zhaoxingwei Electronics...
SB07-03C ZHAOXINGWEI-SB07-03C Datasheet
171Kb / 2P
High frequency rectification (switching regulators, converters, choppers).
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com