Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2507 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2507
Description  This application note explains the design of a FLASH LED driver using the STCF03 device
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2507 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2507 Datasheet HTML 19Page - STMicroelectronics AN2507 Datasheet HTML 20Page - STMicroelectronics AN2507 Datasheet HTML 21Page - STMicroelectronics AN2507 Datasheet HTML 22Page - STMicroelectronics AN2507 Datasheet HTML 23Page - STMicroelectronics AN2507 Datasheet HTML 24Page - STMicroelectronics AN2507 Datasheet HTML 25Page - STMicroelectronics AN2507 Datasheet HTML 26Page - STMicroelectronics AN2507 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
AN2507
Reading and writing to the STCF03 registers through the I2C bus
23/31
7.3
Reading from a single register
The reading operation starts with a START-bit followed by 7 bit device address of STCF03.
The 8-th bit is the R/W bit, which is 0 in this case. STCF03 confirms the receiving of the
address + R/W bit by an acknowledge pulse. The address of the register which should be
read is sent after and confirmed by an acknowledge pulse from STCF03 again. Then the
master generates a START-bit again and sends the device address followed by the R/W-bit,
which is 1 now. STCF03 confirms the receiving of the address + R/W-bit by an acknowledge
pulse, and starts to send data to the master. No acknowledge pulse from the master is
required after receiving the data. Then the master generates a STOP-bit to terminate the
communication. See the Figure 19 below.
Figure 19.
Reading from a single register
7.4
Reading from multiple registers with incremental addressing
Reading from multiple registers starts in the same way as reading from a single register. As
soon as the first register is read, the register address is automatically incremented. If the
master generates an acknowledge pulse after receiving the data from the first register, then
reading from the next register can start immediately without having to send once more the
device and the register addresses. The last acknowledge pulse before the STOP-bit is not
required. See Figure 20 below.
Figure 20.
Reading from multiple registers
S
T
A
R
T
DEVICE
ADDRESS
7 bits
A
C
K
W
R
I
T
E
M
S
B
L
S
B
R
/
W
ADDRESS OF
REGISTER
A
C
K
M
S
B
L
S
B
S
T
A
R
T
A
C
K
R
/
W
R
E
A
D
DEVICE
ADDRESS
7 bits
DATA
L
S
B
S
T
O
P
N
O
A
C
SDA LINE
S
T
A
R
T
DEVICE
ADDRESS
7 bits
A
C
K
W
R
I
T
E
M
S
B
L
S
B
R
/
W
ADDRESS OF
REGISTER i
A
C
K
M
S
B
L
S
B
S
T
A
R
T
A
C
K
R
/
W
R
E
A
D
DEVICE
ADDRESS
7 bits
DATA i
A
C
K
S
T
O
P
L
S
B
DATA i+1
A
C
K
L
S
B
DATA i+2
A
C
K
L
S
B
DATA i+2
L
S
B
DATA i+n
M
S
B
M
S
B
M
S
B
M
S
B
A
C
K
L
S
B
N
O
A
C
K
SDA LINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com