Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2544 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2544
Description  Designing a low cost power supply using
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2544 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2544 Datasheet HTML 9Page - STMicroelectronics AN2544 Datasheet HTML 10Page - STMicroelectronics AN2544 Datasheet HTML 11Page - STMicroelectronics AN2544 Datasheet HTML 12Page - STMicroelectronics AN2544 Datasheet HTML 13Page - STMicroelectronics AN2544 Datasheet HTML 14Page - STMicroelectronics AN2544 Datasheet HTML 15Page - STMicroelectronics AN2544 Datasheet HTML 16Page - STMicroelectronics AN2544 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AN2544
Circuit operation
13/17
1.9
Performance
Regulation for the VIPer22A-E and VIPer12A-E can be seen below. Keep in mind that the
buck topology will peak charge at zero load. DZ1 will clamp the voltage to 3 - 4 V above the
output. Load regulation is taken from 0.03 A to 0.35 A.
Note:
The following measurements were taken on the appropriate version of the boards.
Discrepancy of measurements can be present, which is to be expected due to the 5%
tolerance of the Zener and equipment used for the measurements. The measurements
shown are at room temperature. If higher operating temperatures are used, current loads
must be adjusted accordingly.
Table 5.
VIPer22ADIP-E, 12 V at 350 mA
VIPer22 buck 12 V / 350 mA
Vin
12 V load
12 V
W in
Efficiency
90 Vac
0
15.81
0.12
90 Vac
0.03
12.58
0.45
90 Vac
0.35
11.7
5.64
72.6%
264 Vac
0.35
12.21
6.12
69.8%
MIN
11.7
MAX
12.58
DELTA
0.88
Line reg.
6.0%
+/- % load reg (.03 to max)
3.8%
Ripple
mv pp at 120 Vac
52
Blue Angel at no-load at 115 Vac in W
0.12
Short circuit
ok
Table 6.
VIPer12ADIP-E, 12 V at 200 mA
VIPer12 buck 12 V / 200 mA #1
Vin
12 V load
12 V
W in
Efficiency
90 Vac
0
15.6
0.15
90 Vac
0.03
12.7
0.495
90 Vac
0.2
11.85
3.06
77.5%
264 Vac
0.2
12.1
3.25
74.5%
MIN
11.85
MAX
12.7
DELTA
0.85
Line Reg.
2.9%
+/- % load reg (.03 to max)
3.6%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com