Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2559 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2559
Description  System power supply board for digital solutions
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2559 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2559 Datasheet HTML 9Page - STMicroelectronics AN2559 Datasheet HTML 10Page - STMicroelectronics AN2559 Datasheet HTML 11Page - STMicroelectronics AN2559 Datasheet HTML 12Page - STMicroelectronics AN2559 Datasheet HTML 13Page - STMicroelectronics AN2559 Datasheet HTML 14Page - STMicroelectronics AN2559 Datasheet HTML 15Page - STMicroelectronics AN2559 Datasheet HTML 16Page - STMicroelectronics AN2559 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
AN2559
PM6680A block
13/35
Figure 10.
Jumper placement for VI/O voltage level setting
Table 5.
VI/O voltage level jumper settings
Jumper settings
VCORE
3.3 V
2.5 V
1.8 V
1.5 V
1.2 V
1.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com