Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2810 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2810
Description  6-row 85 mA LED driver with boost
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2810 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2810 Datasheet HTML 9Page - STMicroelectronics AN2810 Datasheet HTML 10Page - STMicroelectronics AN2810 Datasheet HTML 11Page - STMicroelectronics AN2810 Datasheet HTML 12Page - STMicroelectronics AN2810 Datasheet HTML 13Page - STMicroelectronics AN2810 Datasheet HTML 14Page - STMicroelectronics AN2810 Datasheet HTML 15Page - STMicroelectronics AN2810 Datasheet HTML 16Page - STMicroelectronics AN2810 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AN2810
Getting started
Doc ID 14893 Rev 1
13/17
9.2
Open and shorted WLEDs fault testing
1.
Set the input voltage to 12 V
2.
Set the dimming duty-cycle to 20%
3.
Set SW1 and SW2 in the “up” position
4.
Turn-on the PWM generator and the supply in sequence
5.
Disconnect the rows in sequence and compare the behavior of the LED7707 to Table 4
6.
Restore all row connections and press the SW3 pushbutton on the LED7707 board to
reset the device
7.
Short one or more WLEDs and compare the LED7707 behavior to Table 4
8.
Press the SW3 pushbutton on the LED7707 board
9.
Turn-off the power supply and set the SW2 selector to the “up” position (MODE to
ground)
10. Turn-on the power supply and repeat steps 5 through 8
11. Remove all shorted WLEDs and leave ROW1 and ROW2 floating
12. Turn-on the power supply. The floating rows are ignored
13. Turn-off the PWM generator
14. Turn-off the power supply
9.3
Device synchronization
1.
Set the PWM dimming signal to 100%
2.
Remove the jumper from the SW1 selector to leave the FSW pin floating
3.
Connect an external 700 kHz clock generator (0 V-1 V logic levels, 30% duty-cycle)
between the FSW test point and ground. Refer to Figure 9
4.
Turn-on the PWM generator
5.
Turn-on the power supply. The device remains off until the FSW pin is low
6.
Turn-on the clock generator. The device turns on
7.
Monitor the SYNC output and verify the synchronization (the SYNC output is a replica
of the FSW signal)
8.
Turn-off the PWM generator
9.
Turn-off the clock generator
10. Turn-off the power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com