Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2813 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2813
Description  TDE1708DFT in IO-Link applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2813 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2813 Datasheet HTML 14Page - STMicroelectronics AN2813 Datasheet HTML 15Page - STMicroelectronics AN2813 Datasheet HTML 16Page - STMicroelectronics AN2813 Datasheet HTML 17Page - STMicroelectronics AN2813 Datasheet HTML 18Page - STMicroelectronics AN2813 Datasheet HTML 19Page - STMicroelectronics AN2813 Datasheet HTML 20Page - STMicroelectronics AN2813 Datasheet HTML 21Page - STMicroelectronics AN2813 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Performance characteristics
AN2813
18/25
Doc ID 14923 Rev 1
5
Performance characteristics
5.1
Dynamic information
5.2
Temperature characteristics
Figure 18.
Propagation turn-on time vs. temperature
Figure 19.
Propagation turn-off time vs. temperature
Table 2.
Dynamic information (VCC = 24 V; TJ = 25 °C; IL = 10 mA)
Test conditions
Min
Typ
Max
Unit
Propagation turn-on time
Vi = 0 to 5 V
16
µs
Propagation turn-off time
Vi = 0 to 5 V
8
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com