Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2838 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2838
Description  35 W wide-range high power factor flyback converter evaluation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2838 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2838 Datasheet HTML 9Page - STMicroelectronics AN2838 Datasheet HTML 10Page - STMicroelectronics AN2838 Datasheet HTML 11Page - STMicroelectronics AN2838 Datasheet HTML 12Page - STMicroelectronics AN2838 Datasheet HTML 13Page - STMicroelectronics AN2838 Datasheet HTML 14Page - STMicroelectronics AN2838 Datasheet HTML 15Page - STMicroelectronics AN2838 Datasheet HTML 16Page - STMicroelectronics AN2838 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
DocID15099 Rev 2
13/23
AN2838
Test results and significant waveforms
23
The above figures show the MOSFET waveforms at light load. Even in this load condition
the waveforms are correct. It can be noted that at high mains the converter works in burst
mode (see Figure 19), keeping efficiency at a good level.
Figure 18. EVL6562A-35WFLB VDS and ID
@ 265 VAC - 40 mA
Figure 19. EVL6562A-35WFLB VDS and ID
@ 265 VAC - 40 mA - detail
CH1: drain current - 0.2 A/div
CH1: drain current - 0.2 A/div
CH2: drain voltage - 200 V/div
CH2: drain voltage - 200 V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com