Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2863 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2863
Description  Smart inductive proximity switch with SPT01-335DEE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2863 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2863 Datasheet HTML 5Page - STMicroelectronics AN2863 Datasheet HTML 6Page - STMicroelectronics AN2863 Datasheet HTML 7Page - STMicroelectronics AN2863 Datasheet HTML 8Page - STMicroelectronics AN2863 Datasheet HTML 9Page - STMicroelectronics AN2863 Datasheet HTML 10Page - STMicroelectronics AN2863 Datasheet HTML 11Page - STMicroelectronics AN2863 Datasheet HTML 12Page - STMicroelectronics AN2863 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AN2863
Sensor circuit description
Doc ID 15277 Rev 1
9/13
Table 1.
Bill of material
Reference
Value
Description
Quantity
Supplier
Order code
U1
TDE1708DFT
Intelligent power switch
1
STMicroelectronics™
TDE1708DFT
U2
ST7LITEUS5
8-bit MCU
1
STMicroelectronics
ST7FLITEUS5U3
U3
SPT01-335DEE
Triple Transil array
1
STMicroelectronics
SPT01-335DEE
C1, C3, C11 10 nF
Capacitor
3
EPCOS
B37931A5103K0
C2
100 nF
Capacitor
1
EPCOS
B37941A5104K0
C4, C5
100 nF
Capacitor
2
EPCOS
B37931K0104K0
C6
10 µF / 6.3 V
Polarized capacitor
1
C7
10 nF
Capacitor
1
EPCOS
B37941A1103K0
C8, C13
1.5 nF
Capacitor
2
EPCOS
B37931A5152K0
C9
100 pF
Capacitor
1
EPCOS
B37930A5101J0
C10
47 pF
Capacitor
1
EPCOS
B37930A5470J0
C12
470 pF
Capacitor
1
EPCOS
B37930A5471J0
D1
Status LED
LED
1
D2
Diag. LED
LED
1
D3
BAS69-04W
Schottky barrier double
diode
1
STMicroelectronics
BAS69-04W
D4
1N4148
High conductance fast
diode
1
L1
80 µH
PS-core inductor
1
BOHEMIA ELECTRIC
BS361
P1
HS
Header, 1-pin
1
P2
L+
Header, 1-pin
1
P3
L–
Header, 1-pin
1
P4
Con ICC
ICC connector
1
Q1
BC857B
PNP transistor
1
R1
220 K
Ω
Resistor
1
R2
5.6 K
Ω
Resistor
1
R3, R4
1.5 K
Ω
Resistor
2
R5, R6
10 K
Ω
Resistor
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com