Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2864 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2864
Description  VIPER17L demonstration board with wide-range
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2864 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2864 Datasheet HTML 17Page - STMicroelectronics AN2864 Datasheet HTML 18Page - STMicroelectronics AN2864 Datasheet HTML 19Page - STMicroelectronics AN2864 Datasheet HTML 20Page - STMicroelectronics AN2864 Datasheet HTML 21Page - STMicroelectronics AN2864 Datasheet HTML 22Page - STMicroelectronics AN2864 Datasheet HTML 23Page - STMicroelectronics AN2864 Datasheet HTML 24Page - STMicroelectronics AN2864 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AN2864
Testing the board
Doc ID 15282 Rev 1
21/29
3.5
Overload protection
The VIPER17L has several protection features, one of which protects against overload or
output short-circuit. If the load power demand increases, then the output voltage decreases
and the feedback loop reacts by increasing the voltage on the feedback pin. The feedback
pin voltage rise increases the PWM current set point, augmenting the power delivered to the
output until this power equals the load power. If the load power demand exceeds the
converter power capability (which can be adjusted using the RLIM), the voltage on the
feedback pin keeps rising but the power delivered remains stable. When the feedback pin
voltage exceeds the VFB_lin (3.3 V typ), the VIPER17L interprets this as a warning of an
overload event. Before shutting down the system, the device waits for a time fixed by the
capacitor of the feedback pin. In fact, if the voltage on the feedback pin exceeds the VFB_lin,
then the internal pull-up is disconnected and the pin starts sourcing a 3 µA current that
charges the capacitor connected to it. As the voltage on the feedback pin reaches the
VFB_olp threshold (4.8 V typ.) the VIPER17L stops switching and is not permitted to switch
again until the VDD voltage goes below the VDD_RESTART (4.5 V typ.) and rises up again to
the VDD_ON (14 V typ.).
Figure 19
shows the behavior of the converter when the output is shorted.
Figure 19.
Output short-circuit (VIN = 115 VAC, full load before the short)
If the short-circuit is not removed, the system switches into auto-restart mode. When a
short-circuit is permanently applied on the output, the behavior displayed is a shorter
MOSFET switching period, the converter attempts to deliver as much power as possible to
the output and a longer period when the device does not switch and no power is processed.
The duty cycle of the power delivery is very low (around 1.5%) and the average power
throughput is also very low (see Figure 20).
Ch1: VOUT
Ch2: VFB
Ch4: IDRAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com