Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2928 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2928
Description  Modified buck converter for LED applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2928 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2928 Datasheet HTML 9Page - STMicroelectronics AN2928 Datasheet HTML 10Page - STMicroelectronics AN2928 Datasheet HTML 11Page - STMicroelectronics AN2928 Datasheet HTML 12Page - STMicroelectronics AN2928 Datasheet HTML 13Page - STMicroelectronics AN2928 Datasheet HTML 14Page - STMicroelectronics AN2928 Datasheet HTML 15Page - STMicroelectronics AN2928 Datasheet HTML 16Page - STMicroelectronics AN2928 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AN2928
Design equations for the modified buck converter
13/21
Figure 5.
Real drain MOSFET current
The second part of the MOSFET losses is switching losses, which depend on the (on and
off) switching time, drain MOSFET current, drain-source voltage and the switching
frequency. The switching time, rise time and fall time is a function of the gate-to-drain “Miller”
charge of the MOSFET (Q_GD), the internal resistance of the driver, the threshold voltage
(VGS(TH)), and the minimum gate voltage which enables the current through the drain source
of the MOSFET. As the correct calculation of switching power losses is complex due to non
linear behavior of the switch, it is not possible to obtain an exact equation for the calculation
of switching losses. Moreover, the switching behavior is also influenced by the performance
of the driver and layout design (leakage inductance and parasitic capacitors). To arrive at an
estimation of the switching power losses, Equation 27 can be used.
Equation 27
tOFF_SW = switch off-time (s) (typically tens of ns).
For example, switched off-time measured on the STEVAL-ILL013V1 using the STP9NM50N
power MOSFET (400 V input voltage) is 120 ns.
Total power (P_TOT) is lost in the power MOSFET and its heat sink, so it is simple to
calculate:
Equation 28
TJMAX = maximum junction temperature (°C)
TA = ambient temperature (°C)
RthJC = junction-to-case thermal resistance (°C/W)
RthCH = case-to-heat sink thermal resistance (°C/W) (usually between 0.35 and 0.8 for the
insulating washer)
RthHA = heat sink-to-ambient thermal resistance (°C/W)
AM00371
i
IMIN
tOFF
tON
i(t)
IMAX
IPP
t
P
SW
V
IN
l
MAX
t
OFF SW
f
⋅⋅
2
--------------------------------------------------------------------
=
P
TOT
T
JM AX
T
A
R
thJC
R
thCH
R
thH A
++
------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com