Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2938 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2938
Description  Power system demonstration kit based on the PM6686 dual
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2938 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2938 Datasheet HTML 19Page - STMicroelectronics AN2938 Datasheet HTML 20Page - STMicroelectronics AN2938 Datasheet HTML 21Page - STMicroelectronics AN2938 Datasheet HTML 22Page - STMicroelectronics AN2938 Datasheet HTML 23Page - STMicroelectronics AN2938 Datasheet HTML 24Page - STMicroelectronics AN2938 Datasheet HTML 25Page - STMicroelectronics AN2938 Datasheet HTML 26Page - STMicroelectronics AN2938 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
AN2938
Test setup and performance summary
Doc ID 15429 Rev 1
23/39
10
Test setup and performance summary
10.1
Test setup
The PM6686 demonstration board has the following input/output connections:
●
12 V input through VIN+ and VIN- connectors
●
OUT1 output through OUT1+ and OUT1- connectors
●
OUT2 output through OUT2+ and OUT2- connectors
●
LDO linear regulator output through LDO connector
●
charge pump output CP through CP connector
A power supply capable of supplying at least 6 A should be connected to VIN+, VIN- and
two active loads should be connected respectively to OUT1+, OUT1- and OUT2+, OUT2-.
Figure 7.
Test setup connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com