Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P709 Datasheet(PDF) 21 Page - NEC

Part # UPD17P709
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN HARDWARE DEDICATED TO DIGITAL TUNING SYSTEMS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P709 Datasheet(HTML) 21 Page - NEC

Back Button UPD17P709 Datasheet HTML 17Page - NEC UPD17P709 Datasheet HTML 18Page - NEC UPD17P709 Datasheet HTML 19Page - NEC UPD17P709 Datasheet HTML 20Page - NEC UPD17P709 Datasheet HTML 21Page - NEC UPD17P709 Datasheet HTML 22Page - NEC UPD17P709 Datasheet HTML 23Page - NEC UPD17P709 Datasheet HTML 24Page - NEC UPD17P709 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21
µPD17P709
1.5 NOTES ON USE OF THE CE, INT0-INT4, AND RESET PINS (ONLY IN NORMAL OPERATION MODE)
The CE, INT0-INT4, and RESET pins can be used as the test mode selection pin for testing the internal operation
of the
µPD17P709 (IC test), besides the usage shown in Section 1.1.
Applying a voltage exceeding VDD to the CE, INT0-INT4, or RESET pin causes the
µPD17P709 to enter test mode.
When noise exceeding VDD comes in during normal operation, the device may not operate normally.
For example, if the wiring from the CE, INT0-INT4, or RESET pin is too long, noise may be induced on the wiring,
causing this mode switching.
When installing the wiring, lay the wiring in such a way that noise is suppressed as much as possible. If noise
yet arises, use an external part to suppress it as shown below.
• Connect a diode with low VF between the pin
• Connect a capacitor between the pin and VDD.
and VDD.
1.6 NOTES ON USE OF THE TEST PIN (ONLY IN NORMAL OPERATION MODE)
Applying VDD to the TEST pin causes the
µPD17P709 to enter test mode or program memory write/verify mode.
Keep the wiring as short as possible and connect the TEST pin directly to the GND pin.
When the wiring between the TEST pin and GND pin is too long or external noise enters the TEST pin, a voltage
difference may occur between the TEST pin and GND pin. When this happens, your program may malfunction.
VDD
CE, INT0-INT4, RESET
VDD
Diode with
low VF
CE, INT0-INT4, RESET
VDD
VDD
GND TEST
Keep the wiring as short as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com