Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N52035M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N52035M
Description  Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 35M (115-ft.)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N52035M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N52035M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N52035M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Duplex Multimode 50/125 Fiber Patch Cable
(LC/LC), 35M (115-ft.)
MODEL NUMBER: N520-35M
Description
Tripp Lite's 35-meter ( 115ft ) multimode duplex Fibre Channel optic LC/LC patch cable is manufactured from
50/125 zipcord fiber. The cable has LC connectors on each end. It has a PVC jacket and is FDDI and OFNR
rated. 50/125 Duplex multimode fiber is most commonly used in Fibre Channel applications. It is backward-compatible with 62.5 micron fiber and provides
built-in headroom for future applications. The cable provides higher bandwidth optimized for Gigabit and 10Gbps networks as well. Also available in 1, 2, 3, 10,
15, 20, 25, 30, and 50 meter lengths. Enter "N520-" in the search field to bring up all lengths. For LC-SC cables, search "N516-", and for SC-SC, search
"N506-".
Features
Constructed with 50/125 micron cable
Length - 35 Meters ( 115ft )
Use on fiber and fibre channel installations
LC male to LC male connectors
Higher bandwidth optimized for gigabit and 10Gbps networks
Backward compatible with 62.5 micron fiber
Built-in headroom for future applications
Number of fibers: 2
Fiber type: all glass graded index
Core diameter: two 50+/-3 microns
CLAD diameter: 125+/-2 microns
Primary coating diameter: 245+/-15 microns
Primary coating material: acrylate
Secondary coating diameter: 900+/-50 microns
Secondary coating material: PVC
Attenuation @850NM: 3.5DB/KM maximum, @1300NM: 1.0DB/KM maximum
Bandwidth @850NM: 220 MHz-KM minimum, @1300NM: 600 MHz-KM minimum
Numeric aperture: .275 nominal
Highlights
Premium PVC multimode patch
cables
Attenuation loss meets or
exceeds the latest industry
standards
Higher bandwidth, optimized for
gigabit and 10Gbps networks
Backward compatible with 62.5
micron fiber
Built-in headroom for future
applications
System Requirements
Any fiber optic hardware or NIC
card requiring multimode duplex
cable with LC/LC connectors
Package Includes
35 Meters ( 115ft ) duplex MMF
cable LC/LC 50/125 fiber
1 / 2


Similar Part No. - N52035M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N52030M TRIPPLITE-N52030M Datasheet
494Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 30M (100-ft.)
N52030MP TRIPPLITE-N52030MP Datasheet
499Kb / 2P
Duplex Multimode 50-125 Fiber Plenum Rated Patch Cable (LC-LC), 30M (100-ft.)
More results

Similar Description - N52035M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N52002M TRIPPLITE-N52002M Datasheet
494Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 2M (6-ft.)
N52008M TRIPPLITE-N52008M Datasheet
494Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 8M (26-ft.)
N52015M TRIPPLITE-N52015M Datasheet
494Kb / 2P
Duplex Multimode 50-125 Fiber Patch Cable (LC-LC), 15M (50-ft.)
N82035M TRIPPLITE-N82035M Datasheet
474Kb / 2P
10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable, (LC-LC) - Aqua, 35M (115-ft.)
N820-35M TRIPPLITE-N820-35M Datasheet
154Kb / 2P
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable, (LC/LC) - Aqua, 35M (115-ft.)
N520-07M TRIPPLITE-N520-07M Datasheet
166Kb / 3P
Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 7M (23-ft.)
N520-12M TRIPPLITE-N520-12M Datasheet
168Kb / 3P
Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 12M (40-ft.)
N520-15M TRIPPLITE-N520-15M Datasheet
167Kb / 3P
Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 15M (50-ft.)
N520-35M TRIPPLITE-N520-35M Datasheet
160Kb / 3P
Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 35M (115-ft.)
N520-50M TRIPPLITE-N520-50M Datasheet
167Kb / 3P
Duplex Multimode 50/125 Fiber Patch Cable (LC/LC), 50M (164-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com