Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1021-10 Datasheet(PDF) 2 Page - Linear Technology

Part # RH1021-10
Description  Precision 10V Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1021-10 Datasheet(HTML) 2 Page - Linear Technology

  RH1021-10 Datasheet HTML 1Page - Linear Technology RH1021-10 Datasheet HTML 2Page - Linear Technology RH1021-10 Datasheet HTML 3Page - Linear Technology RH1021-10 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RH1021-10
2
rh102110fe
TABLE 1: ELECTRICAL CHARACTERISTICS (Preirradiation) (Note 9)
SYMBOL PARAMETER
CONDITIONS
NOTES
MIN
TYP
MAX
SUB-
GROUP MIN
TYP
MAX
SUB-
GROUP
UNITS
VOUT
Output Voltage
RH1021CM-10
RH1021BM-10, DM-10
1
1
9.995
9.95
10.005
10.05
1
1
V
V
TCVOUT Output Voltage
Temperature Coefficient
RH1021BM-10
RH1021CM-10, DM-10
2
2
5
20
2, 3
2, 3
ppm/°C
ppm/°C
ΔVOUT
ΔVIN
Line Regulation
11.5V ≤ VIN ≤ 14.5V
14.5V ≤ VIN ≤ 40V
3
3
4
2
1
1
6
4
2, 3
2, 3
ppm/V
ppm/V
ΔVOUT
ΔIOUT
Load Regulation
(Sourcing Current)
0 ≤ IOUT ≤ 10mA
3
25
1
40
2, 3
ppm/mA
Load Regulation (Shunt Mode)
1.7mA ≤ IOUT ≤ 10mA
3, 4
100
1
150
2, 3
ppm/mA
IS
Supply Current (Series Mode)
1.7
1
2.0
2, 3
mA
IMIN
Minimum Current (Shunt Mode) VIN is Open
1.5
1
1.7
2, 3
mA
Output Voltage Noise
0.1Hz ≤ f ≤ 10Hz
10Hz ≤ f ≤ 1kHz
5
5
6
64
μVP-P
μVRMS
Long-Term Stability of VOUT
ΔT = 1000 Hrs
Noncumulative
615
ppm
Temperature Hysteresis of VOUT ΔT = ±25°C
5
ppm
TA = 25°C
–55°C ≤ TA ≤ 125°C
TABLE 1: ELECTRICAL CHARACTERISTICS (Postirradiation) (Note 7)
10Krad(Si)
20Krad(Si)
50Krad(Si)
100Krad(Si)
200Krad(Si)
SYMBOL PARAMETER
CONDITIONS
NOTES MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
VOUT
Output Voltage
RH1021CM-10
RH1021BM-10, DM-10
1
1
9.992
9.95
10.008
10.05
9.99
9.945
10.01
10.055
9.987
9.942
10.013
10.06
9.985
9.938
10.015
10.06
9.98
9.935
10.02
10.065
V
V
TCVOUT Output Voltage
Temperature
Coefficient
RH1021BM-10
RH1021CM-10, DM-10
2
2
5
20
5
20
5
20
7
22
10
25
ppm/°C
ppm/°C
ΔVOUT
ΔVIN
Line Regulation
11.5V ≤ VIN ≤ 14.5V
14.5V ≤ VIN ≤ 40V
3
3
4
2
4
2
4.5
2
5
2
6
3
ppm/V
ppm/V
ΔVOUT
ΔIOUT
Load Regulation
(Sourcing Current)
0 ≤ IOUT ≤ 10mA
3, 8
25
25
25
25
25
ppm/mA
Load Regulation
(Shunt Mode)
1.7mA ≤ IOUT ≤ 10mA
3, 4
100
100
100
100
150
ppm/mA
IMIN
Minimum Current
(Shunt Mode)
VIN is Open
1.5
1.5
1.5
1.5
1.5
mA
IS
Supply Current
(Series Mode)
1.7
1.7
1.7
1.7
1.7
mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com