Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WEJT81GC-R5 Datasheet(PDF) 6 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # WEJT81GC-R5
Description  SMD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

WEJT81GC-R5 Datasheet(HTML) 6 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  WEJT81GC-R5 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJT81GC-R5 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJT81GC-R5 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJT81GC-R5 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJT81GC-R5 Datasheet HTML 5Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD WEJT81GC-R5 Datasheet HTML 6Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Precaution in use
Storage
Recommended storage environment
Temperature:
5℃-30℃(41F~86F)
Humidity:
60%RH Max
Use within 3days after opening of sealed vapor/ESD barrier bags.
Fold the opened bag firmly and keep in dry environment.
Soldering
Reflow Soldering
Hand
Soldering
Pre-heat
Pre-heat time
Peak
temperature
Soldering time
Condition
Lead Soldering
Lead-free Solder
Temperature
Soldering time
350℃ Max
3sec Max
(onetime only)
120~150℃
180~200℃
120secMax
120sec Max
240℃Max
260℃Max
10sec Max
10secMax
Refer to
Refer to
Temperature-
profile1
Temperature-
profile1
After reflow soldering rapid cooling should be avoided.
Temperature –profile(Surface of circuit board)
Use the conditions shown to the under figure.
深圳市永而佳电子有限公司
WEJ ECELTRONIC CO., LTD
SMD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com