Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1084 Datasheet(PDF) 2 Page - Linear Technology

Part # RH1084
Description  5A Low Dropout Positive Adjustable Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1084 Datasheet(HTML) 2 Page - Linear Technology

  RH1084_15 Datasheet HTML 1Page - Linear Technology RH1084_15 Datasheet HTML 2Page - Linear Technology RH1084_15 Datasheet HTML 3Page - Linear Technology RH1084_15 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RH1084
2
rh1084fd
PARAMETER
CONDITIONS
NOTES
TA = 25°C
SUB-
GROUP
–55°C ≤ TA ≤ 125°C
SUB-
GROUP UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Reference Voltage
IOUT = 10mA, (VIN – VOUT) = 3V
1.238
1.250
1.262
1
V
10mA ≤ IOUT ≤ IFULL LOAD,
1.5V ≤ (VIN – VOUT) ≤ 25V
5
1.225
1.270
1.225
1.250
1.270
2,3
V
Line Regulation
ILOAD = 10mA, 1.5V ≤ (VIN – VOUT) ≤ 15V
15V ≤ (VIN – VOUT) ≤ 25V
1, 2
0.015
0.2
0.5
1
1
0.035
0.050
0.2
0.5
2,3
2,3
%
%
Load Regulation
(VIN – VOUT) = 3V,
10mA ≤ IOUT ≤ IFULL LOAD
1,2,5
0.3
0.6
1
0.5
0.8
2,3
%
Dropout Voltage
ΔVREF = 1%, IOUT = IFULL LOAD
3,5
1.5
1
1.3
1.5
2,3
V
Current Limit
(VIN – VOUT) = 5V
(VIN – VOUT) = 25V
5.5
0.3
1
1
5.5
0.3
6.5
0.6
2,3
2,3
A
A
Minimum Load Current (VIN – VOUT) = 25V
10
1
5.0
10
2,3
mA
Thermal Regulation
TA = 25°C, 30ms Pulse
0.003
0.015
4
%/W
Ripple Rejection
f = 120Hz, CADJ = 25μF,
COUT = 25μF Tantalum,
IOUT = IFULL LOAD, (VIN – VOUT) = 3V
5
60
75
4
60
75
5,6
dB
Adjust Pin Current
TJ = 25°C
55
120
1
120
2,3
μA
Adjust Pin Current
Change
10mA ≤ IOUT ≤ IFULL LOAD,
1.5V ≤ (VIN – VOUT) ≤ 25V
5
5
1
0.2
5
2,3
μA
Temperature Stability
0.5
%
Long Term Stability
TA = 125°C, 1000 Hrs
4
0.3
%
RMS Output Noise
(% of VOUT)
TA = 25°C, 10Hz ≤ f ≤ 10kHz
0.003
%
Thermal Resistance
Control Circuitry
Power Transistor
4
4
0.75
2.3
°C/W
°C/W
(Preirradiation)
TABLE 1: ELECTRICAL CHARACTERISTICS
RH1084
VOUT
ADJ
150Ω
RH1084 BC
12.5V
–12.5V
Total Dose Bias Circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com