Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH1498 Datasheet(PDF) 2 Page - Linear Technology

Part # RH1498
Description  10MHz, 6V/s Rail-to-Rail Input and Output Precision C-Load Op Amp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

RH1498 Datasheet(HTML) 2 Page - Linear Technology

  RH1498_15 Datasheet HTML 1Page - Linear Technology RH1498_15 Datasheet HTML 2Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DICE/DWF SPECIFICATION
2
RH1498
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
I.D.No. 66-13-1498 • LT 0110 REV B • PRINTED IN USA
Wafer level testing is performed per the indicated specifications for dice. Considerable differences in performance can often be observed for dice versus
packaged units due to the influences of packaging and assembly on certain devices and/or parameters. Please consult factory for more information
on dice performance and lot qualifications via lot sampling test procedures.
Dice data sheet subject to change. Please consult factory for current revision in production.
DICE/DWF ELECTRICAL TEST LIMITS (Pre-Irradiation) V
S = ±15V; VCM = VOUT = 0V, TA = 25°C, unless
otherwise noted.
Note 1: Matching parameters are the difference between amplifiers A
and B.
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNITS
VOH
Output Voltage Swing (High)
(Note 2)
No Load
ISOURCE = 1mA
ISOURCE = 10mA
10
150
800
mV
mV
mV
ISC
Short-Circuit Current
±15
mA
IS
Supply Current per Amplifier
2.5
mA
GBW
Gain-Bandwidth Product
f = 100kHz
6.8
MHz
SR
Slew Rate
AV = –1, RL = 10k
VO = ±10V, Measure at VO = ±5V
3.5
V/μs
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNITS
VOS
Input Offset Voltage
VCM = V+, V–
800
μV
Input Offset Voltage Match (Channel-to-Channel)
(Note 1)
VCM = V+ to V–
1400
μV
IB
Input Bias Current
VCM = V+
VCM = V–
0
–650
650
0
nA
nA
Input Bias Current Match (Channel-to-Channel)
(Note 1)
VCM = V+, V–
0
180
nA
IOS
Input Offset Current
VCM = V+, V–
65
nA
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 75mV to 4.8V, R1 = 10k
600
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = V+ to V–
76
dB
CMRR Match (Channel-to-Channel) (Note 1)
VS = 5V, VCM = V+ to V–
75
dB
PSRR
Power Supply Rejection Ratio
VS = 4.5V to 12V; VCM = VO = 0.5V
88
dB
PSRR Match (Channel-to-Channel) (Note 1)
VS = 4.5V to 12V; VCM = VO = 0.5V
82
dB
VOL
Output Voltage Swing (Low)
(Note 2)
No Load
ISINK = 1mA
ISINK = 2.5mA
30
100
200
mV
mV
mV
VOH
Output Voltage Swing (High)
(Note 2)
No Load
ISOURCE = 1mA
ISOURCE = 2.5mA
10
150
250
mV
mV
mV
ISC
Short-Circuit Current
±12
mA
IS
Supply Current per Amplifier
2.2
mA
DICE/DWF ELECTRICAL TEST LIMITS (Pre-Irradiation) V
S = 5V; VCM = VOUT = Half Supply, TA = 25°C,
unless otherwise noted.
Note 2: Output voltage swings are measured between the output and
power supply rails.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com