Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3064 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3064
Description  Using the STC3100 battery monitor for gas gauge applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3064 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3064 Datasheet HTML 7Page - STMicroelectronics AN3064 Datasheet HTML 8Page - STMicroelectronics AN3064 Datasheet HTML 9Page - STMicroelectronics AN3064 Datasheet HTML 10Page - STMicroelectronics AN3064 Datasheet HTML 11Page - STMicroelectronics AN3064 Datasheet HTML 12Page - STMicroelectronics AN3064 Datasheet HTML 13Page - STMicroelectronics AN3064 Datasheet HTML 14Page - STMicroelectronics AN3064 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
AN3064
STC3100 register map
Doc ID 16263 Rev 1
13/15
Table 12.
REG_MODE. address 0 (00h)
Name
Pos.
Type
Power-
up
Description
SEL_EXT_CLK
0
R/W
0
32,768 Hz clock source:
0: auto-detect, 1: external clock
GG_RES
[2,1]
R/W
00
Current/Coulomb counter ADC resolution:
00: 14 bits, 01: 13 bits, 10: 12 bits
GG_CAL
3
R/W
0
0: no effect
1: used to calibrate the AD converters
GG_RUN
4
R/W
0
0: standby mode. Accumulator and counter
registers are frozen, battery monitoring functions
are in standby.
1: operating mode
[7..5]
Unused
Table 13.
REG_CTRL. address 1 (01h)
Name
Pos.
Type
Power-
up
Description
IO0DATA
0
RX
Port IO0 data status:
0 = IO0 input is low, 1 = IO0 input is high
W1
Port IO0 data output drive:
0 = IO0 output is driven low,1 = IO0 output is open
GG_RST
1
W
0
0: no effect
1: resets the charge accumulator and conversion
counter. GG_RST is a self-clearing bit.
GG_EOC
2
R
1
Set at the end of a battery current conversion
cycle. Clears upon reading.
VTM_EOC
3
R
1
Set at the end of a battery voltage or temperature
conversion cycle. Clears upon reading.
PORDET
4
R1
Power-on reset (POR) detection bit:
0 = no POR event occurred
1 = POR event occurred
W0
Soft reset:
0 = releases the soft-reset and clears the POR
detection bit
1 = asserts the soft-reset and sets the POR
detection bit
[7..5]
R/W
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com