Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3108 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN3108
Description  STLM75 firmware library for the STM32F10x
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3108 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN3108 Datasheet HTML 35Page - STMicroelectronics AN3108 Datasheet HTML 36Page - STMicroelectronics AN3108 Datasheet HTML 37Page - STMicroelectronics AN3108 Datasheet HTML 38Page - STMicroelectronics AN3108 Datasheet HTML 39Page - STMicroelectronics AN3108 Datasheet HTML 40Page - STMicroelectronics AN3108 Datasheet HTML 41Page - STMicroelectronics AN3108 Datasheet HTML 42Page - STMicroelectronics AN3108 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
AN3108
Example application
Doc ID 16793 Rev 1
39/44
/* TEST: Write the following value for the Configuration
register:
0x00 */
uTestConfigurationValue = 0x00;
pObjTempSensor->SetConfiguration
(pObjTempSensor,
uTestConfigurationValue);
/* TEST: Write the following value for the Hysteresis register:
75.5° C
*/
strTestTemperature.TS_Sign
= TS_PLUS_SIGN;
strTestTemperature.TS_IntegerValue = 75;
strTestTemperature.TS_DecimalValue = 5;
/* 0 or 5 only */
pObjTempSensor->SetTempHysteresis (pObjTempSensor,
&strTestTemperature);
/* TEST: Write the following value for the Over-Limit register:
50.5° C
*/
strTestTemperature.TS_Sign
= TS_PLUS_SIGN;
strTestTemperature.TS_IntegerValue = 50;
strTestTemperature.TS_DecimalValue = 5;
/* 0 or 5 only */
pObjTempSensor->SetTempOverLimit
(pObjTempSensor,
&strTestTemperature);
/* TEST: Read STLM75 values for the Configuration, Hysteresis
and Over-Limit temp. registers */
uTestConfigurationValue = pObjTempSensor->GetConfiguration
(pObjTempSensor, TS_TRUE);
pStrTemperature
= pObjTempSensor->GetTempHysteresis
(pObjTempSensor, TS_TRUE);
pStrTemperature
= pObjTempSensor->GetTempOverLimit
(pObjTempSensor, TS_TRUE);
/* Infinite main loop ----------------------------------------*/
while(1)
{
/* TEST: Read observed STLM75 temperature and show the read
value */
pStrTemperature = pObjTempSensor->GetTemperature
(pObjTempSensor, TS_TRUE);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com