Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3182 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3182
Description  This application note describes the methods and techniques for measuring
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3182 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3182 Datasheet HTML 9Page - STMicroelectronics AN3182 Datasheet HTML 10Page - STMicroelectronics AN3182 Datasheet HTML 11Page - STMicroelectronics AN3182 Datasheet HTML 12Page - STMicroelectronics AN3182 Datasheet HTML 13Page - STMicroelectronics AN3182 Datasheet HTML 14Page - STMicroelectronics AN3182 Datasheet HTML 15Page - STMicroelectronics AN3182 Datasheet HTML 16Page - STMicroelectronics AN3182 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AN3182
Calculating tilt angles
Doc ID 17289 Rev 1
13/18
Equation 6
Equation 7
Figure 8.
Tilt angles from a tri-axis accelerometer
The second way is to use trigonometric Equation 8 and 9 to calculate pitch and roll tilt angle,
which produces constant sensitivity over 360° of rotation, as shown in Figure 9.
Equation 8
Equation 9
Figure 9.
Tilt sensitivity of a tri-axis accelerometer
⎟⎟
⎜⎜
=
β
g
A
arcsin
1
y
⎟⎟
⎜⎜
=
γ
g
A
arccos
1
z
() ()
+
=
α
=
2
z1
2
y1
x1
A
A
A
arctan
Pitch
() ( )
⎜⎜
+
=
β
=
2
z1
2
x1
y1
A
A
A
arctan
Roll



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com