Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDV262 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KDV262
Description  VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE(CATV TUNING)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDV262 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KDV262 Datasheet HTML 1Page - KEC(Korea Electronics) KDV262 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KDV262
2/2
2001. 6. 11
Revision No : 1
-40
AMBIENT TEMPERATURE Ta ( C)
C - Ta
R
REVERSE VOLTAGE V
(V)
C - VR
0
10
500
100
50
Ta=25 C
FREQUENCY f (MHz)
300
100
0
50
500
V =5V
Ta=25 C
R
-2
V
10
20
30
f=1MHz
0.1p
0
REVERSE VOLTAGE V (V)
R
I
- V
RR
8
1p
10p
100p
1000p
Ta=75
C
Ta=50
C
Ta=25
C
16
24
32
r - V
R
REVERSE VOLTAGE V
(V)
1
3
10
30
0
R
5
f=470MHz
Ta=25 C
s
0.2
0.4
0.6
0.8
1.0
0.2
0.4
0.6
0.8
1.0
r - f
s
-20
0
20
40
60
80
-1
0
1
2
3
f=1MHz
V =2V
R
10V
20V
25V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com