Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17P236M2GT Datasheet(PDF) 26 Page - NEC

Part # UPD17P236M2GT
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P236M2GT Datasheet(HTML) 26 Page - NEC

Back Button UPD17P236M2GT Datasheet HTML 22Page - NEC UPD17P236M2GT Datasheet HTML 23Page - NEC UPD17P236M2GT Datasheet HTML 24Page - NEC UPD17P236M2GT Datasheet HTML 25Page - NEC UPD17P236M2GT Datasheet HTML 26Page - NEC UPD17P236M2GT Datasheet HTML 27Page - NEC UPD17P236M2GT Datasheet HTML 28Page - NEC UPD17P236M2GT Datasheet HTML 29Page - NEC UPD17P236M2GT Datasheet HTML 30Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
µPD17P236
26
Data Sheet U14776EJ1V0DS00
(2)
µPD17P236M1MC-5A4: 30-pin plastic SSOP (7.62 mm (300))
µPD17P236M2MC-5A4: 30-pin plastic SSOP (7.62 mm (300))
µPD17P236M3MC-5A4: 30-pin plastic SSOP (7.62 mm (300))
µPD17P236M4MC-5A4: 30-pin plastic SSOP (7.62 mm (300))
Soldering Method
Soldering Conditions
Symbol
Intrared reflow
Package peak temperature: 235
°C, Time: 30 seconds max. (210°C min.),
IR35-103-2
Number of times: 2 max. Number of days: 3
Note (after that, prebaking is
necessary at 125
°C for 10 hours)
<Caution>
Non-heat-resistant trays, such as magazine and taping trays, cannot be baked
before unpacking.
VPS
Package peak temperature: 215
°C, Time: 40 seconds max. (200°C min.),
VP15-103-2
Number of times: 2 max. Number of days: 3
Note (after that, prebaking is
necessary at 125
°C for 10 hours)
<Caution>
Non-heat-resistant trays, such as magazine and taping trays, cannot be baked
before unpacking.
Wave soldering
Solder bath temperature: 260
°C max, Time: 10 seconds max., Number of times:
WS60-103-1
once, preheating temperature: 120
°C max. (package surface temperature)
Number of days: 3
Note (after that, prebaking is necessary at 125
°C for 10 hours)
Partial heating
Pin temperature: 300
°C max., Time: 3 seconds max. (per side of device)
—
Note
After opening the dry pack, store it at 25
°C or less and 6.5 % RH or less for the allowable storage period.
Caution Do not use different soldering methods together (except for partial heating).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com