Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2335 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC2335
Description  SILICON POWER TRANSISTO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2335 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC2335 Datasheet HTML 1Page - Renesas Technology Corp 2SC2335 Datasheet HTML 2Page - Renesas Technology Corp 2SC2335 Datasheet HTML 3Page - Renesas Technology Corp 2SC2335 Datasheet HTML 4Page - Renesas Technology Corp 2SC2335 Datasheet HTML 5Page - Renesas Technology Corp 2SC2335 Datasheet HTML 6Page - Renesas Technology Corp 2SC2335 Datasheet HTML 7Page - Renesas Technology Corp 2SC2335 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D14861EJ2V0DS
2
2SC2335
ELECTRICAL CHARACTERISTICS (TA = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector to emitter voltage
VCEO(SUS)
IC = 3.0 A, IB1 = 0.6 A, L = 1 mH
400
V
Collector to emitter voltage
VCEX(SUS)1
IC = 3.0 A, IB1 =
−IB2 = 0.6 A,
VBE(OFF) =
−5.0 V, L = 180
µH, clamped
450
V
Collector to emitter voltage
VCEX(SUS)2
IC = 6.0 A, IB1 = 2.0 A,
−IB2 = 0.6 A,
VBE(OFF) =
−5.0 V, L = 180
µH, clamped
400
V
Collector cutoff current
ICBO
VCB = 400 V, IE = 0 A
10
µA
Collector cutoff current
ICER
VCE = 400 V, RBE = 51
Ω, TA = 125°C
1.0
mA
Collector cutoff current
ICEX1
VCE = 400 V, VBE(OFF) =
−1.5 V
10
µA
Collector cutoff current
ICEX2
VCE = 400 V, VBE(OFF) =
−1.5 V,
TA = 125
°C
1.0
mA
Emitter cutoff current
IEBO
VEB = 5.0 V, IC = 0 A
10
µA
DC current gain
hFE1
VCE = 5.0 V, IC = 0.1 A
Note
20
80
DC current gain
hFE2
VCE = 5.0 V, IC = 1.0 A
Note
20
80
DC current gain
hFE3
VCE = 5.0 V, IC = 3.0 A
Note
10
Collector saturation voltage
VCE(sat)
IC = 3.0 A, IB = 0.6 A
Note
1.0
V
Base saturation voltage
VBE(sat)
IC = 3.0 A, IB = 0.6 A
Note
1.2
V
Turn-on time
ton
1.0
µs
Storage time
tstg
2.5
µs
Fall time
tf
IC = 3.0 A, RL = 50
Ω,
IB1 =
−IB2 = 0.6 A, VCC ≅ 150 V
Refer to the test circuit.
1.0
µs
Note Pulse test PW
≤ 350
µs, duty cycle ≤ 2%
hFE CLASSIFICATION
Marking
M
L
K
hFE2
20 to 40
30 to 60
40 to 80
SWITCHING TIME (ton, tstg, tf) TEST CIRCUIT
Base current
waveform
Collector current
waveform



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com