Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P90618I Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # P90618I
Description  Internal Ribbon Cable, Dual Ultra, 33-66-100 ATA-DMA EIDE, (3Conn 40P), 18-in
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P90618I Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P90618I Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P90618I Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Color
Gray
ENVIRONMENTAL
Operating Temperature Range
(-10°) - 75° C
Storage Temperature Range
(-20°) - 80° C
CONNECTIONS
Connector A
40 POS. SOCKET (FEMALE)
Connector B
40 POS. SOCKET (FEMALE) (X2)
Connector C
40 pos. Socket (Female)
Number of Connectors
3
CERTIFICATIONS
Certifications
RoHS-Compliant
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com