Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR08AS Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # BCR08AS
Description  LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR08AS Datasheet(HTML) 7 Page - Renesas Technology Corp

  BCR08AS_15 Datasheet HTML 1Page - Renesas Technology Corp BCR08AS_15 Datasheet HTML 2Page - Renesas Technology Corp BCR08AS_15 Datasheet HTML 3Page - Renesas Technology Corp BCR08AS_15 Datasheet HTML 4Page - Renesas Technology Corp BCR08AS_15 Datasheet HTML 5Page - Renesas Technology Corp BCR08AS_15 Datasheet HTML 6Page - Renesas Technology Corp BCR08AS_15 Datasheet HTML 7Page - Renesas Technology Corp BCR08AS_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Mar. 2002
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR08AS
LOW POWER USE
NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
103
7
5
3
2
102
7
5
3
2
101
LACHING CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (
°C)
HOLDING CURRENT VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (
°C)
REPETITIVE PEAK OFF-STATE
CURRENT VS. JUNCTION
TEMPERATURE
JUNCTION TEMPERATURE (
°C)
BREAKOVER VOLTAGE VS.
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (
°C)
COMMUTATION CHARACTERISTICS
RATE OF DECAY OF ON-STATE
COMMUTATING CURRENT (A /ms)
BREAKOVER VOLTAGE VS.
RATE OF RISE OF
OFF-STATE VOLTAGE
RATE OF RISE OF OFF-STATE VOLTAGE (V/
µs)
160
100
80
40
20
0
140
40
–40
–60
–20 0
20
60 80
140
100 120
60
120
TYPICAL EXAMPLE
140
40
–40
–60
–20 0
20
60 80 100 120
105
7
5
3
2
104
7
5
3
2
103
7
5
3
2
102
TYPICAL EXAMPLE
140
40
–40
–60
–20 0
20
60 80 100 120
23
100
57 101 23 5 7 102 23 5 7 103
120
0
20
40
60
80
100
140
160
Tj = 125
°C
TYPICAL EXAMPLE
I QUADRANT
III QUADRANT
160
–40
0
40
80
120
102
7
5
3
2
101
7
5
3
2
100
7
5
3
2
10–1
T2
+, G–
TYPICAL EXAMPLE
TYPICAL
EXAMPLE
DISTRIBUTION
T2
+, G+
T2
– , G–
T2
– , G+
TYPICAL
EXAMPLE
Tj = 125
°C
IT = 1A
τ = 500µs
VD = 200V
f = 3Hz
I QUADRANT
III QUADRANT
MINIMUM
CHARAC-
TERISTICS
VALUE
TYPICAL EXAMPLE
10–1
23
5 7 100
100
7
5
3
2
23
5 7 101
101
7
5
3
2
10–1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com