Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P450010 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # P450010
Description  Null Modem Serial DB9 Serial Cable (DB9 F-F), 10-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P450010 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  P450010 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P450010 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Null Modem Serial DB9 Serial Cable (DB9 F/F), 10-ft.
MODEL NUMBER: P450-010
Description
Null modem cables and adapters connect two serial devices that require a null modem (cross-wired)
configuration. This 10FT cable has a DB9 female connector on each end. Superior molded cables with
foil-shielding offer maximum EMI/RFI protection. Gold-plated connectors and contacts provide superior conductivity.
Features
DB9 female to DB9 female
Full Handshake Null wiring configuration: 1+6 - 4, 2-3, 3-2, 4 - 1+6, 5-5, 7-8, 8-7.
Superior molded cables with foil-shielding for maximum EMI/RFI protection
Gold-plated connectors provide superior conductivity
Specifications
OVERVIEW
Cable Type
Modem/Null Modem
INPUT
Cable Length (ft.)
10
Cable Length (m)
3.05
PHYSICAL
Color
Black
CONNECTIONS
Highlights
Superior molded cables with
integral strain relief and
foil-shielding for maximum
EMI/RFI protection
Gold-plated connectors provide
superior conductivity
Null modem cables connect two
serial devices that require a null
modem configuration
System Requirements
Two serial devices with DB9M
connectors requiring a null
modem (cross-wired)
configuration
Package Includes
10FT Null Modem Gold Cable
DB9F to DB9F
1 / 2


Similar Part No. - P450010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P450000 TRIPPLITE-P450000 Datasheet
485Kb / 2P
Null Modem Serial DB9 Serial Modular Adapter Kit, 2x (DB9F to RJ45F)
P450006 TRIPPLITE-P450006 Datasheet
482Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 F-F), 6-ft
logo
Socay Electornics Co., ...
P4500EA SOCAY-P4500EA Datasheet
225Kb / 5P
Thyristor Surge Suppressors (TSS)
logo
UN Semiconducctor INC
P4500EA UNSEMI-P4500EA Datasheet
2Mb / 6P
Thyristor Surge Suppressors (TSS)
Revision March 1,2022
logo
Socay Electornics Co., ...
P4500EB SOCAY-P4500EB Datasheet
229Kb / 5P
Thyristor Surge Suppressors (TSS)
More results

Similar Description - P450010

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P450-006 TRIPPLITE-P450-006 Datasheet
487Kb / 3P
Null Modem Serial RS232 Cable (DB9 F/F) 6-ft.
P454-006 TRIPPLITE-P454-006 Datasheet
479Kb / 3P
Null Modem Serial RS232 Cable (DB9 M/F) 6-ft
P520006 TRIPPLITE-P520006 Datasheet
467Kb / 2P
Serial DB9 Serial Extension Cable, Straight Through (DB9 M-F), 6-ft
P404006 TRIPPLITE-P404006 Datasheet
470Kb / 2P
AT Serial Modem Gold Cable (DB25 to DB9 M-F), 6-ft
P450006 TRIPPLITE-P450006 Datasheet
482Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 F-F), 6-ft
P454006 TRIPPLITE-P454006 Datasheet
473Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 M-F), 6-ft
P456006 TRIPPLITE-P456006 Datasheet
505Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 to DB25 F-M), 6-ft
P450-010 TRIPPLITE-P450-010 Datasheet
162Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 F/F), 10-ft.
P456-006 TRIPPLITE-P456-006 Datasheet
165Kb / 2P
Null Modem Serial DB9 Serial Cable (DB9 to DB25 F/M), 6-ft.
P520-006 TRIPPLITE-P520-006 Datasheet
171Kb / 2P
Serial DB9 Serial Extension Cable, Straight Through (DB9 M/F), 6-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com