Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT338A Datasheet(PDF) 2 Page - Linear Technology

Part # LT338A
Description  5A Positive Adjustable Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT338A Datasheet(HTML) 2 Page - Linear Technology

  LT338A_15 Datasheet HTML 1Page - Linear Technology LT338A_15 Datasheet HTML 2Page - Linear Technology LT338A_15 Datasheet HTML 3Page - Linear Technology LT338A_15 Datasheet HTML 4Page - Linear Technology LT338A_15 Datasheet HTML 5Page - Linear Technology LT338A_15 Datasheet HTML 6Page - Linear Technology LT338A_15 Datasheet HTML 7Page - Linear Technology LT338A_15 Datasheet HTML 8Page - Linear Technology LT338A_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LT138A/LT339A
LM138/LM338
2
138afd
For more information www.linear.com/LT138A
preconDiTioning
absoluTe MaxiMuM raTings
Power Dissipation .............................. Internally Limited
Input-to-Output Voltage Differential......................... 35V
Operating Junction Temperature Range
LT138A/LM138 ................................. –55°C to 150°C
LT338A/LM338..................................... 0°C to 125°C
(Note 1)
2
1
VIN
CASE
IS OUTPUT
ADJ (GND*)
K PACKAGE
2-LEAD TO-3 METAL CAN
BOTTOM VIEW
TJMAX = 150°C, θJA = 35°C/W, θJA = 1°C/W (LT138A/LT138)
TJMAX = 125°C, θJA = 35°C/W, θJA = 1°C/W (LT338A/LT338)
OBSOLETE PACKAGE
VIN
VOUT
ADJ
3
2
1
FRONT VIEW
P PACKAGE
3-LEAD PLASTIC TO-3P
TJMAX = 125°C, θJA = 45°C/W
OBSOLETE PACKAGE
pin conFiguraTion
Storage Temperature Range ................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
100% Thermal Limit Burn-In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com