Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT338A Datasheet(PDF) 13 Page - Linear Technology

Part # LT338A
Description  5A Positive Adjustable Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT338A Datasheet(HTML) 13 Page - Linear Technology

Back Button LT338A Datasheet HTML 6Page - Linear Technology LT338A Datasheet HTML 7Page - Linear Technology LT338A Datasheet HTML 8Page - Linear Technology LT338A Datasheet HTML 9Page - Linear Technology LT338A Datasheet HTML 10Page - Linear Technology LT338A Datasheet HTML 11Page - Linear Technology LT338A Datasheet HTML 12Page - Linear Technology LT338A Datasheet HTML 13Page - Linear Technology LT338A Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
LT138A/LT338A
LM138/LM338
13
138afd
For more information www.linear.com/LT138A
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
revision hisTory
REV
DATE
DESCRIPTION
PAGE NUMBER
D
05/15
Obsolete packaged parts.
1, 2, 12
(Revision history begins at Rev D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com