Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1015 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1015
Description  High Speed Dual Line Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1015 Datasheet(HTML) 2 Page - Linear Technology

  LT1015_15 Datasheet HTML 1Page - Linear Technology LT1015_15 Datasheet HTML 2Page - Linear Technology LT1015_15 Datasheet HTML 3Page - Linear Technology LT1015_15 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
LT1015
ORDER PART
NUMBER
Supply Voltage .......................................................... 7V
Differential Input Voltage ........................................... 5V
Input Voltage
Positive................................................ Supply + 0.5V
Negative .............................................................. – 1V
Input Current (Forced) Positive ............................ 20mA
Latch Pin Voltage ........................................ Supply + 1V
Output Current (Continuous) ..............................
±20mA
Operating Temperature Range
LT1015C .................................................. 0
°C to 70°C
LT1015M ........................................ – 55
°C to 125°C*
Storage Temperature ............................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
*Air flow must be provided for TA > 100°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
Consult factory for Industrial grade parts.
V + = 4.6V to 5.4V, VLATCH = 0V, common mode input voltage = 2.5V, TJ = 25°C, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Offset Voltage (Note 1)
VCM = 1.25V to (V
+ – 1.5V)
q
120
mV
Input Bias Current
∆VIN = 0V (Note 2)
q
15
30
µA
Reference Input Current
∆VIN = 0V (Note 2)
q
30
60
µA
Voltage Gain (Note 3)
VOUT = 0.5V to 2.5V, Load = 1 TTL Gate
q
1000
2500
V/V
Common Mode Input Range (Note 5) Minimum Input
q
1.0
1.25
V
Maximum Input
q
V + – 1.5
V + – 1.0
V
Output High Voltage
IOUT = 4mA
q
2.5
V
Output Low Voltage
ISINK = 4mA
q
0.3
0.5
V
Supply Current
V + = 5V
q
55
70
mA
Latch Pin High Input Voltage
Device Latched
q
2V
Latch Pin Low Input Voltage
Device Active
q
0.8
V
Latch Pin Current
q
1mA
Propagation Delay
∆VIN ≥ 20mV (Note 4)
0
°C ≤ TJ ≤ 100°C
q
710
14
ns
–55
°C ≤ TJ ≤ 150°C
q
710
16
ns
Latch Setup Time
2ns
LT1015CJ8
LT1015CN8
LT1015MJ8
1
2
3
4
8
7
6
5
TOP VIEW
INPUT A
REFERENCE
INPUT B
LATCH
V+
OUTPUT A
GND
OUTPUT B
J8 PACKAGE
8-LEAD CERDIP
N8 PACKAGE
8-LEAD PDIP
TJMAX = 150°C, θJA = 100°C/ W (J8)
TJMAX = 100°C, θJA = 130°C/ W (N8)
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Input offset voltage is the maximum required to drive the output to
a low state of 0.5V and high state of 2.5V.
Note 2: Input currents are measured by applying a large positive
differential input voltage. The resulting input current is divided by two to
obtain input current at
∆VIN = 0V.
Note 3: Voltage gain is guaranteed by design, but not tested.
Note 4: Propagation delay is sample tested in production with a large
overdrive. The limit is guard banded to account for the slight increase
(
≈ 500ps) at 20mV overdrive.
Note 5: Common mode input range is the voltage range over which the
differential input offset voltage is less than 20mV. If both inputs remain
inside this common mode range, propagation delay will be unaffected. It
will also be normal if the signal input is below the 1.25V lower limit when
the input transition begins. An increase in propagation delay of up to 10ns
may occur if the signal input is above the upper common mode limit when
the transition begins. Sine wave inputs may not be affected when the peak
exceeds the common mode range if the signal is inside the common mode
range for 10ns before threshold is reached.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com