Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1026 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1026
Description  Voltage Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1026 Datasheet(HTML) 2 Page - Linear Technology

  LT1026_15 Datasheet HTML 1Page - Linear Technology LT1026_15 Datasheet HTML 2Page - Linear Technology LT1026_15 Datasheet HTML 3Page - Linear Technology LT1026_15 Datasheet HTML 4Page - Linear Technology LT1026_15 Datasheet HTML 5Page - Linear Technology LT1026_15 Datasheet HTML 6Page - Linear Technology LT1026_15 Datasheet HTML 7Page - Linear Technology LT1026_15 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LT1026
1026fb
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ........................................................ 10V
V + ............................................................................ 20V
V – .......................................................................... – 20V
Short-Circuit Duration ......................................... 10 sec
1
2
3
4
8
7
6
5
TOP VIEW
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
C1–
C2+
C2–
–VOUT
+VOUT
C1+
VIN
GND
LT1026CN8
LT1026CS8
LT1026IS8
S8 PART
MARKING
1026
1026I
TJMAX = 150°C, θJA = 100°C/W (N8)
TJMAX = 150°C, θJA = 150°C/W (S8)
ORDER PART
NUMBER
LT1026CH
LT1026MH
TJMAX = 150°C, θJA = 150°C/W
TOP VIEW
C1+
+VOUT
C1–
C2+
VIN
GND
C2–
–VOUT
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
PACKAGE/ORDER INFORMATION
Operating Temperature Range
LT1026C ................................................. 0
°C to 70°C
LT1026I .............................................. – 40
°C to 85°C
LT1026M (OBSOLETE) ............... –55
°C to 125°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
(Note 1)
TJMAX = 150°C, θJA = 150°C/W
1
2
3
4
8
7
6
5
TOP VIEW
J8 PACKAGE
8-LEAD CERDIP
C1–
C2+
C2–
–VOUT
+VOUT
C1+
VIN
GND
ORDER PART
NUMBER
LT1026CJ8
LT1026MJ8
ORDER PART
NUMBER
OBSOLETE PACKAGES
Consider the N8 or S8 Packages for Alternate Source
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
VIN = 4V
IL = 0mA
Positive
q
6.5
7
V
(Note 2)
IL = 0mA
Negative
q
–6
–6.7
V
IL = 10mA
Positive
q
5.25
5.7
V
IL = – 10mA
Negative
q
– 4.5
– 5
V
VIN = 5V
IL = 15mA
Positive
q
6.25
7
V
IL = – 15mA
Negative
q
– 5.5
– 6.2
V
VIN = 10V
IL = 0mA
Positive
q
18
18.5
V
IL = 0mA
Negative
q
– 17.7
– 18
V
IL = 10mA
Positive
q
16
17.6
V
IL = – 10mA
Negative
q
– 15.3
– 17
V
IL = 15mA
Positive
q
15.25
17
V
IL = – 15mA
Negative
q
– 14.5
– 16.5
V
VIN = 5V
IL = 10mA, – 10mA
Positive
q
6.25
7.2
V
Negative
q
– 5.5
– 6.5
V
VIN = 10V
IL = 10mA, – 10mA
Positive
q
15
16.8
V
Negative
q
– 14.25
– 15.75
V
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com