Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1029 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1029
Description  5V Bandgap Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1029 Datasheet(HTML) 2 Page - Linear Technology

  LT1029_15 Datasheet HTML 1Page - Linear Technology LT1029_15 Datasheet HTML 2Page - Linear Technology LT1029_15 Datasheet HTML 3Page - Linear Technology LT1029_15 Datasheet HTML 4Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
LT1029/LT1029A
1029afa
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reverse Breakdown Voltage
IR = 1mA
LT1029AM/LT1029AC
4.99
5.00
5.01
V
LT1029M/LT1029C
4.95
5.00
5.05
V
Reverse Breakdown Change with Current
700µA ≤ IR ≤ 10mA
2
5
mV
●
38
mV
Reverse Dynamic Impedance
IR = 1mA
0.2
0.6
Ω
●
0.3
1.0
Ω
Temperature Stability
IR = 1mA
LT1029AC
●
37
mV
LT1029C
●
512
mV
LT1029AM
●
718
mV
LT1029M
●
10
36
mV
Equivalent Temperature Drift
LT1029AM/LT1029AC
●
820
ppm/°C
LT1029C
●
12
34
ppm/°C
LT1029M
●
15
40
ppm/°C
Long Term Stability
20
ppm/kHr
Trim Range
± 3+ 5, – 13
%
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Storage Temperature ............................ – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ORDER PART
NUMBER
LT1029AMH
LT1029MH
LT1029ACH
LT1029CH
ORDER PART
NUMBER
LT1029ACZ
LT1029CZ
ADJ
+
–
H PACKAGE
TO-46 METAL CAN
TJMAX = 150°C, θJA = 440°C/W, θJC = 80°C/W
BOTTOM VIEW
ADJ
+
–
Z PACKAGE
TO-92 PLASTIC
TJMAX = 100°C, θJA = 160°C/W
BOTTOM VIEW
OBSOLETE PACKAGE
Consider the Z Package as an Alternate Source
ABSOLUTE
AXI U
RATI GS
Reverse Current .................................................... 15mA
Forward Current ................................................... 10mA
Operating Temperature Range
LT1029C/LT1029AC ............................... 0°C to 70°C
LT1029M/LT1029AM (OBSOLETE) ....– 55°C to 125°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com